Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver with Integrated DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 4 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc1554af
DEMO MANUAL DC1554A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
REQUIRED CIRCUIT COMPONENTS
1
2
CIN1, CIN2
CAP., TANT 6.8μF 16V 10% TAJA
AVX TAJA685K016R
2
2
D1, D2
LED, SMT, GREEN, 2.1V 15mA
PANASONIC LN1351C-(TR)
3
1
R1
RES., CHIP 1.5k 1/16W 5% 0603
VISHAY, CRCW06031K50JNEA
4
3
R3, R6, R7
RES., CHIP 10k 1/4W 5% 0603
VISHAY, CRCW060310K0JNEA
5
1
R2
RES., CHIP 3.3k 1/16W 5% 0603
VISHAY, CRCW06033K30JNEA
6
2
R4, R5
RES., CHIP 1k 1/4W 5% 0603
VISHAY, CRCW06031K00JNEA
HARDWARE-FOR DEMO BOARD ONLY
1
1
J1
CON, DSUB 9 PIN
SINGATRON DR-E9SB-NJ000-S0007
2
5
JP1-JP3, JP6,JP7
2mm SINGLE ROW HEADER, 3-PIN
SAMTEC, TMM-103-02-L-S
3
6
JP4, JP5, JP8-JP10
2mm DOUBLE ROW HEADER, 3
× 2 PIN
SAMTEC, TMM-103-02-L-D
4
10
JP1-JP10
SHUNT
SAMTEC, 2SN-BK-G
5
5
TP1-TP5
TEST POINT, TURRET, 0.095
MILL-MAX, 2501-2-00-80-00-00-07-0
6
12
TP7-TP18
TEST POINT, TURRET, 0.065
MILL-MAX, 2308-2-00-80-00-00-07-0
7
4
(Stand-Off)
STAND-OFF, NYLON 0.375" tall
KEYSTONE, 8832 (SNAP ON)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com