Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver with Integrated DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 2 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1554af
DEMO MANUAL DC1554A
QUICK START PROCEDURE
Demonstration circuit DC1554 is easy to set up and evalu-
ate the performance of the LTM2882. Refer to Figure 1
for proper measurement equipment setup and follow the
procedure below.
Note: Use a short ground lead on the oscilloscope probe
when measuring input or output voltage ripple and high
speed signals.
Note: Jumpers JP4, JP5, JP8, JP9 and JP10 may be
installed in three possible positions depending upon
the desired operating state. Positions may be vertical or
horizontal. Please pay careful attention to the demo circuit
labeling and reference the attached schematic for proper
configuration.
1. Place jumpers in the following positions.
JP1
ON (default)
JP2
VCC (note: logic signals referenced to VCC)
JP3
ON (default)
JP4
LOOP (center horizontal position)
JP5
LOOP (center horizontal position)
JP6
LOW (default)
JP7
ON (default)
JP8
ON (default)
JP9
Remove
JP10 Remove
2. With power off, connect the input power supply to VCC
and GND.
3. Turn on the power at the input.
Note: Make sure the input voltage does not exceed
6V.
4. Check for the proper output voltages. VCC2 = 5V, LED
D1 is ON and LED D2 is ON.
5. Once the proper output voltages are established, con-
nect a standard 9-pin RS232 cable between J1 on the
demo board and a computer.
6. Launch any program with the ability to send, receive, and
monitor RS232 characters or data, including the ability
to control the communication handshaking. Realterm is
a free, powerful, terminal program which can easily be
used for the above purposes. Signals may be verified
with the use of an oscilloscope connected to any of the
appropriate signal turrets on the demo card.
Note: Jumpers JP9 and JP10 must be inserted in the
center horizontal position to allow signal monitoring
of the receiver input channels on the associated demo
board turrets.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com