Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver with Integrated DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 1 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc1554af
DEMO MANUAL DC1554A
DESCRIPTION
LTM2882
Dual Isolated RS232 µModule
Transceiver with Integrated
DC/DC Converter
Demonstration circuit DC1554A is a dual isolated RS232
μModule® transceiver with integrated power featuring
the LTM®2882. The demo circuit provides 2-channel,
2500VRMS, galvanically isolated RS232 transceiver in-
terface. All components are integrated into the μModule
transceiver. The demo circuit operates from external
supplies on VCC and VL. The part generates the output
L, LT, LTC, LTM, μModule, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
voltage VCC2 and communicates all necessary signaling
across the isolation barrier using LTC’s Isolation μModule
Technology.
Design files for this circuit board are available at
http://www.linear.com/demo.
OPERATING PRINCIPLES
The LTM2882 contains an isolated DC/DC converter
delivering power to VCC2 at 5V from the input supply
VCC. Isolation is maintained by the separation of GND
and GND2 where significant operating voltages and
transients can exist without affecting the operation of the
LTM2882. The logic side ON pin enables or shuts down the
LTM2882. RS232 signaling is controlled by the logic inputs
T1IN, T2IN, and DE. Connection to the transceiver pins,
R1IN – T1OUT or R2IN – T2OUT, permits RS232 com-
munication on the isolated side of the demo circuit. The
circuit features two channels, supporting multiple RS232
channels or the addition of flow control on a single RS232
interface. Jumpers and inclusion of a standard RS232
configured DB9 connector allow the RS232 Transceiver
interface to be looped back for easy performance verifica-
tion using a PC. Additional logic signaling from the logic
side to the isolated side is available with the DIN to DOUT
pins. This channel may be used to control the state of the
driver outputs from the logic side, T1OUT and T2OUT, by
connecting DOUT to DE.
Data is transmitted out the driver pins T1OUT and T2OUT
from the inputs T1IN and T2IN with the input DE set high.
Data is received through the receiver pins R1IN and R2IN
to the outputs R1OUT and R2OUT, receivers are always
active.
Table 1. Performance Summary (TA = 25°C)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Range
LTM2882-5
LTM2882-3
4.5
3.0
5
3
5.5
3.6
V
V
VL
Logic Signal Supply Range
1.62
5.5
V
VCC2
Output Voltage
LTM2882-5 ILOAD = 150mA
LTM2882-3 ILOAD = 100mA
4.8
4.8
5
5
5.2
5.2
V
V
fMAX
Maximum Data Rate
RL = 3k, CL = 2.5nF
RL = 3k, CL = 1nF
RL = 3k, CL = 250pF
100
250
1000
kbps
kbps
kbps
VIORM
Maximum Working Insulation Voltage
GND to GND2
560
Vpk
Common Mode Transient Immunity
30
kV/μs


Similar Part No. - LTM2882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2882 LINER-LTM2882 Datasheet
280Kb / 16P
Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882 Datasheet
291Kb / 18P
Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2882 LINER-LTM2882 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2882 LINER-LTM2882 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LTM2882

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
722BG BURR-BROWN-722BG Datasheet
157Kb / 10P
DUAL ISOLATED DC/DC CONVERTER
logo
Analog Devices
ADUM5000 AD-ADUM5000 Datasheet
370Kb / 15P
Isolated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADM3053 AD-ADM3053 Datasheet
395Kb / 20P
Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
REV. 0
logo
Linear Technology
LTM2882 LINER-LTM2882_15 Datasheet
390Kb / 22P
Dual Isolated RS232 Module Transceiver Power
logo
Texas Instruments
0722 TI1-0722 Datasheet
180Kb / 10P
DUAL ISOLATED DC/DC CONVERTER
logo
Analog Devices
ADM3053 AD-ADM3053_V01 Datasheet
523Kb / 18P
Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
logo
Murata Manufacturing Co...
IRS-12-4.5-Q48 MURATA1-IRS-12-4.5-Q48 Datasheet
178Kb / 2P
Isolated DC-DC converter
11/16/2022
logo
Analog Devices
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com