Electronic Components Datasheet Search
  English  ▼

X  

CHA3513 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3513
Description  6-18GHz 3 bit Digital Variable Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3513 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3513 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CHA3513
6-18GHz Digital Variable Amplifier
Ref. : DSCHA35136216 - 04 Aug 06
2/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics on wafer
Tamb = +25°C
Vd= Pads B, D, F= 4.5V, Vg= Pads A, C, E tuned for Id= 300mA
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
6
18
GHz
G
Small signal gain @ Attenuator state 0dB (1)
16
dB
ATT bit
Attenuator bit: State 5dB
State 10 dB 1
State 10dB 2
5
10
10
dB
dB
dB
ATT dyn
Attenuator range with 3bit
25
dB
Is
Small signal gain @ Attenuator state 0dB & switch
OFF (1)
-35
dB
P1dB
Output power at 1dB compression @ Attenuator
state 0dB (1)
18
dBm
Psat
Saturated Output power @ Attenuator state 0dB (1)
20
dBm
NF
Noise figure @ Attenuator state 0dB
12
dB
VSWRin
Input VSWR all attenuator states
2.0:1
VSWRout
Output VSWR all attenuator states & switch ON
2.0:1
Vd
Drain bias DC voltage (
Pads B,D,F)
4.5
V
Id
Bias current @ small signal
300
350
mA
Vc
Control voltage for Attenuator bits & SPST switch
-5
0
V
(1) These values are representative for pulsed on-wafer measurements that are made without
bonding wires at the RF ports.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com