Electronic Components Datasheet Search
  English  ▼

X  

CHA3513 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA3513
Description  6-18GHz 3 bit Digital Variable Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3513 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA3513 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CHA3513
RoHS COMPLIANT
Ref. : DSCHA35136216 - 04 Aug 06
1/10
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
6-18GHz 3 bit Digital Variable Amplifier
GaAs Monolithic Microwave IC
Description
The CHA3513 is composed by a three steps
digital attenuator followed by a three stage
travelling amplifier and a Single Pole Single
Through (SPST) switch. It is designed for
defense applications. The backside of the chip
is both RF and DC grounded. This helps to
simplify the assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
¦
Performances : 6-18GHz
¦
20dBm saturated output power
¦
16 dB gain
¦
3 bit attenuator for 26dB range
¦
DC power consumption, 300mA @ 4.5V
¦
Chip size :
6.68 x 2.46 x 0.1 mm
Typical on wafer Measurements
Gain versus attenuation states
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
6
18
GHz
G
Small signal gain @ Attenuator state 0dB
16
dB
Psat
Saturated Output power @ Attenuator state 0dB
20
dBm
ATT dyn
Attenuator range with 3bit
25
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
RF
IN
10A
5A
10A1
B C F
G
10B
5B
10B1
A D E
H
RF
OUT
10dB
5dB
10dB
RF
IN
10A
5A
10A1
B C F
G
10B
5B
10B1
A D E
H
RF
OUT
10dB
5dB
10dB
10dB
5dB
10dB


Similar Part No. - CHA3513

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3513 UMS-CHA3513 Datasheet
305Kb / 10P
6-18GHz 3 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513 Datasheet
220Kb / 10P
6-18GHz 3 bit Digital Variable Amplifier
CHA3513-99F/00 UMS-CHA3513-99F/00 Datasheet
305Kb / 10P
6-18GHz 3 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513_08 Datasheet
305Kb / 10P
6-18GHz 3 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513_15 Datasheet
220Kb / 10P
6-18GHz 3 bit Digital Variable Amplifier
More results

Similar Description - CHA3513

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
6-18GHz Amplifier
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
6-18GHz Low Noise Digital Variable Amplifier
CHA3514 UMS-CHA3514 Datasheet
476Kb / 10P
6-18GHz 4 bit Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
6-18GHz Low Noise Digital Variable Amplifier
CHA3513 UMS-CHA3513_08 Datasheet
305Kb / 10P
6-18GHz 3 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514_08 Datasheet
352Kb / 10P
6-18GHz 4 bit Digital Variable Amplifier
logo
Transcom, Inc.
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
6 - 18GHz 20 dBm Amplifier
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
6-18GHz Low Noise Digital Variable Amplifier
CHA3513 UMS-CHA3513_15 Datasheet
220Kb / 10P
6-18GHz 3 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514_15 Datasheet
281Kb / 10P
6-18GHz 4 bit Digital Variable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com