Electronic Components Datasheet Search
  English  ▼

X  

CHA3513 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA3513
Description  6-18GHz 3 bit Digital Variable Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3513 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA3513 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6-18GHz Digital Variable Amplifier
CHA3513
Ref. : DSCHA35136216 - 04 Aug 06
3/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Maximum Drain bias voltage ( Pads B,D,F)
+5
V
Id
Drain bias current with Vd=4.5V
450
mA
Vg
Gate bias voltage (Pads A,C,E)
-2 to +0.4
V
Vc
Attenuator bits & SPST control voltage
-7 to +0.6
V
Pin
Maximum input power overdrive (2)
+20.0
dBm
Tch
Maximum channel temperature
+175
°C
Ta
Operating temperature range
-40 to +70
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.
3bit VGA Control interface
The attenuator states are controlled by 6 voltages. The SPST switch is controlled by 2 voltages.
Voltage CONTROL PAD
Switch control
state
Theoretical
attenuation
dB
10A
(V)
10B
(V)
5A
(V)
5B
(V)
10A1
(V)
10B1
(V)
G
H
0
0 référence
-5
0
-5
0
-5
0
-5
0
1
5
-5
0
0
-5
-5
0
-5
0
2
10 config.1
0
-5
-5
0
-5
0
-5
0
3
15 config.1
0
-5
0
-5
-5
0
-5
0
4
15 config.2
-5
0
0
-5
0
-5
-5
0
6
10 config. 2
-5
0
-5
0
0
-5
-5
0
7
25
0
-5
0
-5
0
-5
-5
0
8
Isolation
-5
0
-5
0
-5
0
0
-5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com