Electronic Components Datasheet Search
  English  ▼

X  

LTC2991 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2991
Description  LTC2991 I²C Temperature, Voltage and Current Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2991 Datasheet(HTML) 4 Page - Analog Devices

  LTC2991 Datasheet HTML 1Page - Analog Devices LTC2991 Datasheet HTML 2Page - Analog Devices LTC2991 Datasheet HTML 3Page - Analog Devices LTC2991 Datasheet HTML 4Page - Analog Devices LTC2991 Datasheet HTML 5Page - Analog Devices LTC2991 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc1785af
DEMO MANUAL DC1785A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
0
C1, C2, C3, C4 (OPT)
Capicitor, 0603
OPT
2
2
C5, C6
Capicitor, 0.1μF, 25V, X7R, 10%, 0603
TDK, C1608X7R1E104K (Bal to #1787A)
3
1
D1
LED, Red, J-Type, SMD, Tape/Reel, 1208
Panasonic, LN1251CTR
4
1
D2
LED, Green, J-Type, SMD, Tape/Reel, 1208
Panasonic, LN1351CTR
5
19
E1-E13, E16-E21
Turret, Testpoint, 0.065
Mill-Max, 2308-2-00-80-00-00-07-0
6
2
E14, E15
Turret, Testpoint, 0.095
Mill-Max, 2501-2-00-80-00-00-07-0
7
8
JP1-JP8
Header, 3-Pin, 0.079, Single Row
Samtec, TMM-103-02-L-S
8
1
J1
Connector, Header 14POS 2mm Vert Gold
Molex, 87831-1420
9
1
Q1
Transistor, PNP, –40V, –200MA, SOT23-3
Diodes/Zetex, FMMT3906TA
10
1
Q2
Transistor, NPN, 40V, 350MW, SMD, SOT23-3
Diodes Inc., MMBT3904-7-F
11
1
Q3
MOSFET, N-Channel, 60V, 115mA, SOT23-3
Diodes/Zetex, 2N7002TA
12
3
R1, R2, R3
Resistor, Chip 4.99k, 0.06W, 1%, 0603
Yageo, RC0603FR-074K99L
13
0
R4, R5 (OPT)
Resistor, 0603
OPT
14
2
R6, R7
Resistor, Chip, 330Ω, 0.06W, 5%, 0603
Yageo, RC0603JR-07330RL
15
2
R8, R9 Bal to #1765A
Resistor, Chip, 1k, 0.06W, 5%, 0603
Yageo, RC0603JR-071KL
16
2
TP1, TP2
Testpoint, Test pad
Component Corp., TP-107-02-1
17
1
U1
IC, Temperature, Voltage, Current Monitor MSOP(16)-MS
Linear Technology, LTC2991CMS#PBF
18
1
U2
IC, EEPROM, 2kbit, 400Khz, TSSOP-8
Microchip, 24LC025-I/ST
19
8
XJP1-XJP8
Shunt, .079" Center
Samtec, 2SN-BK-G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com