Electronic Components Datasheet Search
  English  ▼

X  

LTC2991 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC2991
Description  LTC2991 I²C Temperature, Voltage and Current Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2991 Datasheet(HTML) 1 Page - Analog Devices

  LTC2991 Datasheet HTML 1Page - Analog Devices LTC2991 Datasheet HTML 2Page - Analog Devices LTC2991 Datasheet HTML 3Page - Analog Devices LTC2991 Datasheet HTML 4Page - Analog Devices LTC2991 Datasheet HTML 5Page - Analog Devices LTC2991 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc1785af
DEMO MANUAL DC1785A
DESCRIPTION
LTC2991
I2C Temperature, Voltage
and Current Monitor
Demonstration circuit 1785A features the LTC®2991, a high
performance temperature, voltage and current monitor
that uses an I2C interface for communication. It offers
sub-millivolt voltage resolution, 1% current measurement
and 1°C temperature accuracy.
DC1785A is a member of Linear Technology‘s QuikEval™
family of demonstration boards. It is designed to allow easy
evaluation of the LTC2991 and may be connected directly
to the target application’s analog signals while using the
DC590 USB Serial Controller board and supplied software
L, LT, LTC, LTM, μModule, Linear Technology and the Linear logo are registered trademarks
and QuikEval is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
to measure performance. The exposed ground planes allow
proper grounding to prototype circuitry. After evaluating
with Linear Technology’s software, the digital signals can
be connected to the end application’s processor/controller
for development of the serial interface.
Design files for this circuit board are available at
http://www.linear.com/demo
INPUTS
RIBBON CABLE TO DC590
CONTROLLER
Figure 1. Proper Measurement Equipment Set-Up


Similar Part No. - LTC2991

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2991 LINER-LTC2991 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2991 LINER-LTC2991 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
LTC2991 LINER-LTC2991 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2991 AD-LTC2991 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
LTC2991 AD-LTC2991 Datasheet
3Mb / 90P
Isolated High Accuracy Digital Temperature Measurement System with EEPROM
More results

Similar Description - LTC2991

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
Octal I2C Voltage, Current, and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com