Electronic Components Datasheet Search
  English  ▼

X  

LTC2991 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2991
Description  LTC2991 I²C Temperature, Voltage and Current Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2991 Datasheet(HTML) 3 Page - Analog Devices

  LTC2991 Datasheet HTML 1Page - Analog Devices LTC2991 Datasheet HTML 2Page - Analog Devices LTC2991 Datasheet HTML 3Page - Analog Devices LTC2991 Datasheet HTML 4Page - Analog Devices LTC2991 Datasheet HTML 5Page - Analog Devices LTC2991 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc1785af
DEMO MANUAL DC1785A
QUICK START PROCEDURE
To zoom the graph, left click and drag. To undo any zoom
and re-initiate auto-scroll, double left click anywhere on
the graph.
Tools
There are two tools included in the software package;
both are accessible under the tools menu in the software.
Statistics: The statistics window lists some basic informa-
tion about the gathered values. It gives, mean, standard
deviation, min, max and crest factor. The statistics can be
reset with the reset button.
PWM: The PWM window allows the user to configure the
PWM functionality of the LTC2991. The DC1785A includes
a red LED next to the PWM turret which reflects the duty
cycle of the PWM pin. The pin needs to be enabled in this
window in order for proper functionality to be achieved.
This window also allows the user to set the PWM threshold.
Please see the LTC2991 datasheet for an explanation of
the PWM pin functionality.
HARDWARE SET-UP
Connection to DC590 Serial Controller
J1 is the power and digital interface connector. Connect
to DC590 serial controller with supplied 14-conductor
ribbon cable.
Jumper Settings
V1, V2, V7, V8 – (Default VOLT, VOLT, VOLT, VOLT). These
jumpers can be toggled between VOLT and TEMP. VOLT
connects the corresponding input on the LTC2991 with the
corresponding turret for an external input. TEMP connects
the corresponding input to MMBT (V1 and V2). Please
note that the jumpers should be moved in pairs, V1 and
V2 should both be connected either to VOLT or TEMP and
V7 and V8 should also be both connected to either VOLT
or TEMP. Once set the proper selection should also be
made inside the QuikEval software in the mode selection
box, to reflect any changes made.
VCC – (Default DC590) EXTVCC allows the user to provide
the VCC voltage (2.9V to 5V) to the LTC2991 at turret
EXTVCC while DC590(5V) powers the LTC2991 with 5V
from the DC590. State of VCC can be seen through red
LED D1.
ADR0, ADR1, ADR2 – (Default LOW, LOW, LOW) These
jumpers are used to select the I2C address for the LTC2991.
When used with QuikEval, the correct address should also
be selected from within the software.
Analog Connections
Analog signal connections are made via the row of turret
posts along the edge of the board. Also, when connecting
the board to an existing circuit the exposed ground planes
along the edges of the board may be used to form a solid
connection between grounds.
GND – (8 turrets) These turrets are connected directly to
the internal ground planes.
EXTVCC – This turret allows the user to provide VCC to the
LTC2991. Select VCC jumper accordingly.
V1, V2, V3, V4, V5, V6, V7, V8 – These turrets are used to
provide input voltage to the monitor when the correspond-
ing jumpers are set to the VOLT position.
Digital Connections
PWM – PWM output pin configurable through the QuikEval
software. State of the PWM pin is reflected quantitatively
through the PWM LED at D2.
SDA, SCL – I2C signals brought out to turrets. If DC1785A is
to be run without a DC590 connected or with an alternative
microprocessor, I2C signals can be driven at these points.
If DC590 is not used R4 and R5 (Backside of board) can
be populated with appropriate I2C pull-up values.
GPO – General purpose output pin can be toggled through
QuikEval software.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com