Electronic Components Datasheet Search
  English  ▼

X  

DC1961A Datasheet(PDF) 4 Page - Analog Devices

Part # DC1961A
Description  LT8309 No-Opto Flyback Converter with Synchronous Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC1961A Datasheet(HTML) 4 Page - Analog Devices

  DC1961A Datasheet HTML 1Page - Analog Devices DC1961A Datasheet HTML 2Page - Analog Devices DC1961A Datasheet HTML 3Page - Analog Devices DC1961A Datasheet HTML 4Page - Analog Devices DC1961A Datasheet HTML 5Page - Analog Devices DC1961A Datasheet HTML 6Page - Analog Devices DC1961A Datasheet HTML 7Page - Analog Devices DC1961A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
dc1961af
DEMO MANUAL DC1961A
performance
DRAIN VOLTAGE OF
SYNCHRONOUS MOSFET
200mV/DIV
GATE OF SYNCHRONOUS
MOSFET, 5V/DIV
1µS/DIV
DC1961A F05
INTVCC VOLTAGE OF
LT8309, 10V/DIV
SWITCH NODE VOLTAGE
OF PRIMARY MOSFET,
50V/DIV
1mS/DIV
DC1961A F06
Figure 5. Synchronous MOSFET Drain and Gate Voltage (VIN = 48V, IOUT = 5A)
Figure 6. Output Short Circuit Waveforms (VIN = 48V)
Figure 7. Thermal Picture, 48VIN and 5AOUT (TA = 25°C, Air Flow 200LFM)
Synchronous MOSFET, 52.5°C; Primary MOSFET, 46.7°C; Transformer, 74.1°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com