Electronic Components Datasheet Search
  English  ▼

X  

DC1961A Datasheet(PDF) 3 Page - Analog Devices

Part # DC1961A
Description  LT8309 No-Opto Flyback Converter with Synchronous Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC1961A Datasheet(HTML) 3 Page - Analog Devices

  DC1961A Datasheet HTML 1Page - Analog Devices DC1961A Datasheet HTML 2Page - Analog Devices DC1961A Datasheet HTML 3Page - Analog Devices DC1961A Datasheet HTML 4Page - Analog Devices DC1961A Datasheet HTML 5Page - Analog Devices DC1961A Datasheet HTML 6Page - Analog Devices DC1961A Datasheet HTML 7Page - Analog Devices DC1961A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
dc1961af
DEMO MANUAL DC1961A
performance
Efficiency Curve
Figure 3. Typical Efficiency Curve
Figure 4. Typical Regulation Curve
Output Load and Line Regulation
60
65
70
75
80
85
90
95
100
0.15
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
OUTPUT CURRENT (A)
72VIN
48VIN
36VIN
DC1961A F03
11.40
11.60
11.80
12.00
12.20
12.40
12.60
0.15
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
OUTPUT CURRENT (A)
72VIN
48VIN
36VIN
DC1961A F04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com