Electronic Components Datasheet Search
  English  ▼

X  

DC1961A Datasheet(PDF) 2 Page - Analog Devices

Part # DC1961A
Description  LT8309 No-Opto Flyback Converter with Synchronous Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC1961A Datasheet(HTML) 2 Page - Analog Devices

  DC1961A Datasheet HTML 1Page - Analog Devices DC1961A Datasheet HTML 2Page - Analog Devices DC1961A Datasheet HTML 3Page - Analog Devices DC1961A Datasheet HTML 4Page - Analog Devices DC1961A Datasheet HTML 5Page - Analog Devices DC1961A Datasheet HTML 6Page - Analog Devices DC1961A Datasheet HTML 7Page - Analog Devices DC1961A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1961af
DEMO MANUAL DC1961A
Quick start proceDure
Demonstration circuit 1961A is easy to set up to evalu-
ate the performance of the LT8309. Refer to Figure 1 for
proper measurement equipment setup and follow the
procedure below:
1. With power off, connect the input power supply to the
board through VIN and GND terminals. Connect the
load to the terminals VOUT+ and VOUT– on the board.
2. Turn on the power at the input.
NOTE: Make sure that the input voltage does not exceed
72V. To operate the board with higher input/output volt-
age, input capacitor, output capacitor and MOSFETs with
higher voltage ratings are needed.
3. Check for the proper output voltages. The output should
be regulated at 12V (±5%).
NOTE: The LT3748 requires a minimum load to maintain
good output voltage regulation. On the DC1961A, in order
to avoid pre-loading, a Zener diode is placed between its
VOUT+ and VOUT– to serve as a minimum load.
4. Once the proper output voltage is established, adjust
the input voltage and load current within the operating
range and observe the output voltage regulation, ripple
voltage, efficiency and other parameters.
NOTE:Whenmeasuringtheinputoroutputvoltageripples,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VIN
and GND, or VOUT+ and VOUT– terminals. See Figure 2 for
proper scope probe technique.
Figure 2. Proper Scope Probe Placement for Measuring Input/Output Ripple
Figure 1. Proper Measurement Equipment Setup
INPUT OR OUTPUT CAPACITOR
+
–
IIN
VIN
POWER SUPPLY
– +
– +
+ –
IOUT
VOUT
–
+
–
+
LOAD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com