Electronic Components Datasheet Search
  English  ▼

X  

LTC5599 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC5599
Description  LTC5599 30MHz to 1300MHz Low Power Direct Quadrature Modulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5599 Datasheet(HTML) 1 Page - Analog Devices

  LTC5599 Datasheet HTML 1Page - Analog Devices LTC5599 Datasheet HTML 2Page - Analog Devices LTC5599 Datasheet HTML 3Page - Analog Devices LTC5599 Datasheet HTML 4Page - Analog Devices LTC5599 Datasheet HTML 5Page - Analog Devices LTC5599 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2091afa
DEMO MANUAL DC2091A
Description
LTC5599
30MHz to 1300MHz Low Power
Direct Quadrature Modulator
Demonstration circuit 2091A is optimized for evaluation
of the LTC®5599 low power direct quadrature modulator.
The balanced I and Q baseband input ports can be either
AC- or DC-coupled to a source with a common mode volt-
age level of about 1.4V. Fixed LC networks on the LO and
RF ports cover a continuous 90MHz to 1300MHz range.
The SPI interface controls the supply current, modulator
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
QuikEval is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
gain,andallowsoptimizationoftheLOcarrierfeedthrough
and side-band suppression.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2091A
MeasureMent setup
Figure 1. Test Setup for RF Performance Measurements
I+
I–
Q+
Q–
DC2091 F01
BB SIGNAL SOURCE
(VCMBB = 1.4VDC)
SPECTRUM
ANALYZER
LO SIGNAL
SOURCE
DC POWER SUPPLY
(3.3V)
–
+
–3dB
–6dB


Similar Part No. - LTC5599

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
LTC5599 LINER-LTC5599_15 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
More results

Similar Description - LTC5599

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LTC5599 LINER-LTC5599_15 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
700MHz to 6GHz Low Power Direct Quadrature Modulator
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com