Electronic Components Datasheet Search
  English  ▼

X  

LTC5599 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC5599
Description  LTC5599 30MHz to 1300MHz Low Power Direct Quadrature Modulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5599 Datasheet(HTML) 2 Page - Analog Devices

  LTC5599 Datasheet HTML 1Page - Analog Devices LTC5599 Datasheet HTML 2Page - Analog Devices LTC5599 Datasheet HTML 3Page - Analog Devices LTC5599 Datasheet HTML 4Page - Analog Devices LTC5599 Datasheet HTML 5Page - Analog Devices LTC5599 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2091afa
DEMO MANUAL DC2091A
notes on test equipMent anD setup
• Use high performance signal generators with fully
configurable differential I and Q outputs, such as the
Rohde & Schwarz SMJ100A vector signal generator or
equivalent.
• Use narrow resolution bandwidth (RBW) and engage
video averaging on the spectrum analyzer to lower the
displayedaveragenoiselevel(DANL)inordertoimprove
sensitivity and to increase dynamic range. The trade-off
is increased sweep time.
• Spectrum analyzers can produce significant internal dis-
tortionproductsiftheyareoverdriven.Generally,spectrum
analyzers are designed to operate at their best with about
–30dBm to –40dBm at their input filter or preselector.
Sufficient spectrum analyzer input attenuation should be
used to avoid saturating the instrument, but too much
attenuation reduces sensitivity and dynamic range.
• Before taking measurements, the system performance
should be evaluated to ensure that:
1) clean input signals can be produced
2) the spectrum analyzer’s internal distortion is mini-
mized
3) the spectrum analyzer has enough dynamic range
and sensitivity
4) the system is accurately calibrated for power and
frequency.
• Digital modulation often requires DC coupling and flat
frequency response. For best EVM performance with
complex modulation, the RC networks at the baseband
I/Q inputs are not required.
quick start proceDure
1. Remove the demonstration circuit from its protective
packaging in an ESD-safe working area.
2. Turn off the DC power supply as well as the baseband
and LO signal sources’ outputs.
3. Connect all test equipment as show in Figure 1.
4. Make sure jumper JP1 is installed and the jumper JP2
is installed at the 1-2 position.
5. Slowly increase the supply voltage to 3.3V. Do not
exceed 3.8V.
6. Turn on the baseband signal source. Set the baseband
common mode bias to 1.4V.
7. Verify the total VCC supply current is approximately
28mA. The demonstration circuit is now turned on
and is ready for measurements.
8. Turn on the output of the LO source and apply a
492.8MHz, 0dBm CW Signal.
9. Set the baseband signal source to provide a 100kHz,
200mVP-P(DIFF) baseband input signal. The I and Q
channels should be 90° shifted and set for lower
sideband selection.
10. Measure the modulator’s RF output on the Spectrum
Analyzer at 492.7MHz.
absolute MaxiMuM input ratings
Supply Voltage.........................................................3.8V
Common Mode Level of BBPI, BBMI,
and BBPQ, BBMQ ...................................................2V
LOL, LOC DC Voltage ............................................. ±0.1V
LOL, LOC Input Power .........................................20dBm
Voltage on Any Pin...........................–0.3V to VCC + 0.3V
TJMAX.................................................................... 150°C
Case Operating Temperature Range....... –40°C to 105°C
Storage Temperature Range .................. –65°C to 150°C
CAUTION: ThIS PART IS SeNSITIve TO eleCTRO-
STATIC DISChARge (eSD). ObSeRve PROPeR eSD
PReCAUTIONS wheN hANDlINg The lTC5599.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com