Electronic Components Datasheet Search
  English  ▼

X  

LTC5599 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC5599
Description  LTC5599 30MHz to 1300MHz Low Power Direct Quadrature Modulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5599 Datasheet(HTML) 3 Page - Analog Devices

  LTC5599 Datasheet HTML 1Page - Analog Devices LTC5599 Datasheet HTML 2Page - Analog Devices LTC5599 Datasheet HTML 3Page - Analog Devices LTC5599 Datasheet HTML 4Page - Analog Devices LTC5599 Datasheet HTML 5Page - Analog Devices LTC5599 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2091afa
DEMO MANUAL DC2091A
DeMo boarD scheMatic
VCTRL
GND
LOL
LOC
GND
TTCK
GND VCC EN SDO SDI SCLK CSB
GNDRF
GNDRF
RF
GNDRF
GNDRF
GNDRF
GND
BBMQ
BBPQ
BBMI
BBPI
TEMP
LTC5599IUF
25
24 23 22
21
20
19
18
17
16
J2
J6
J5
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
C4
0.01µF
L1, 39nH
C5, 15pF
C3
0.1µF
R1, 1
LO
VCTRL
TTCK
TEMP
BBMI
BBPI
GND
EN
GND
SDO
SDI
SCLK
CS
RF
VCC
3.3V
VCC
FB1
330 AT
100MHz
DC2091 F02
BBPQ
BBMQ
R12, OPT
R2, OPT
R8
49.9
C6
0.1µF
R3, 0
R4, 0
R5, 0
R6, 0
C1
4.7µF
C2, 1000pF
JP1
2
1
E2
E1
E3
E4
J1
E5
E6
J4
J3
E7
R9
49.9
*
*
C7
0.1µF
R10
49.9
C8
0.1µF
R11
49.9
C9
0.1µF
* REMOVE THE RC NETWORK FOR BEST EVM WITH COMPLEX DIGITAL MODULATION.
Figure 2. low Power I/Q Modulator Schematic
quick start proceDure
11. Calculate the Voltage Conversion Gain:
Gain = 20 • log (VRF(OUT)(50Ω) / VIN(DIFF)(I OR Q))
12. MeasuretheOutput1dBCompressionPointbyincreas-
ing the input signal level until the Voltage Conversion
Gain degrades by 1dB.
13. Measure the Image Rejection at 492.9MHz.
14. Measure the LO Leakage at 492.8MHz.
15. Connect the DC590B to the DC2091A with the ribbon
cable provided. Make sure jumper JP6 on the DC590B
is set to 3.3V.
16. Run QuikEval® to start the GUI associated with the
LTC5599.
17. The turn off procedure is the reverse of the turn on
procedure. Make sure
vCC is removed after veN.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com