Electronic Components Datasheet Search
  English  ▼

X  

DC2373A Datasheet(PDF) 4 Page - Analog Devices

Part # DC2373A
Description  LT8641 65V, 3.5A Micropower Synchronous Step-Down Silent Switcher
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2373A Datasheet(HTML) 4 Page - Analog Devices

  DC2373A Datasheet HTML 1Page - Analog Devices DC2373A Datasheet HTML 2Page - Analog Devices DC2373A Datasheet HTML 3Page - Analog Devices DC2373A Datasheet HTML 4Page - Analog Devices DC2373A Datasheet HTML 5Page - Analog Devices DC2373A Datasheet HTML 6Page - Analog Devices DC2373A Datasheet HTML 7Page - Analog Devices DC2373A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
dc2373af
DEMO MANUAL DC2373A
Figure 3. LT8641 Demo Circuit EMI Performance in CISPR25 Radiated Emission Test, Antenna Polarization:
Vertical (VIN = 14V, VOUT = 5V, IOUT = 3.5A, 2MHz Switching Frequency)
Figure 4. LT8641 Demo Circuit EMI Performance in CISPR25 Radiated Emission Test, Antenna Polarization:
Horizontal (VIN = 14V, VOUT = 5V, IOUT = 3.5A, 2MHz Switching Frequency)
Quick start proceDure
FREQUENCY (MHz)
DC2373a F03
FREQUENCY (MHz)
DC2373a F04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com