Electronic Components Datasheet Search
  English  ▼

X  

DC2373A Datasheet(PDF) 3 Page - Analog Devices

Part # DC2373A
Description  LT8641 65V, 3.5A Micropower Synchronous Step-Down Silent Switcher
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2373A Datasheet(HTML) 3 Page - Analog Devices

  DC2373A Datasheet HTML 1Page - Analog Devices DC2373A Datasheet HTML 2Page - Analog Devices DC2373A Datasheet HTML 3Page - Analog Devices DC2373A Datasheet HTML 4Page - Analog Devices DC2373A Datasheet HTML 5Page - Analog Devices DC2373A Datasheet HTML 6Page - Analog Devices DC2373A Datasheet HTML 7Page - Analog Devices DC2373A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
dc2373af
DEMO MANUAL DC2373A
Quick start proceDure
Figure 1. Efficiency vs Load Current at 2MHz Switching Frequency
Figure 2. DC2373A Temperature Rising vs Load Current
IOUT (A)
0
100
95
85
75
90
80
70
65
60
55
50
2
1
3
DC2373a F01
3.5
1.5
0.5
2.5
12V INPUT
24V INPUT
LOAD CURRENT (A)
0
60
40
30
50
20
10
0
2
1
3
DC2373a F02
3.5
1.5
0.5
2.5
VIN = 12V, fSW = 1MHz
VIN = 24V, fSW = 1MHz
VIN = 12V, fSW = 2MHz
VIN = 24V, fSW = 2MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com