Electronic Components Datasheet Search
  English  ▼

X  

DC2373A Datasheet(PDF) 6 Page - Analog Devices

Part # DC2373A
Description  LT8641 65V, 3.5A Micropower Synchronous Step-Down Silent Switcher
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2373A Datasheet(HTML) 6 Page - Analog Devices

  DC2373A Datasheet HTML 1Page - Analog Devices DC2373A Datasheet HTML 2Page - Analog Devices DC2373A Datasheet HTML 3Page - Analog Devices DC2373A Datasheet HTML 4Page - Analog Devices DC2373A Datasheet HTML 5Page - Analog Devices DC2373A Datasheet HTML 6Page - Analog Devices DC2373A Datasheet HTML 7Page - Analog Devices DC2373A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc2373af
DEMO MANUAL DC2373A
parts List
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
2
C2, C12
CAP, X7R, 0.1µF, 100V, 10%, 0603
MURATA, GRM188R72A104KA35D
2
2
C4, C8
CAP, X7R, 0.1µF, 16V, 10%, 0603
MURATA, GRM188R71C104KA01D
3
1
C5
CAP, C0G, 10pF, 25V, 5%, 0603
AVX, 06033A100CAT2A
4
1
C6
CAP, X5R, 100µF, 10V, 20%, 1210
MURATA, GRM32ER61A107ME20L
5
1
C7
CAP, X7R, 1µF, 25V, 10%, 0603
MURATA, GRM188R71E105KA12D
6
1
C11
CAP, X7S, 4.7µF, 100V, 10%, 1206
AVX, 12061Z475KAT2A
7
1
L1
IND, 2.2µH
VISHAY, IHLP2525CZER2R2M01
8
2
R1, R4
RES, CHIP, 1M, 1/10W, 1%, 0603
VISHAY, CRCW06031M00FKEA
9
1
R2
RES, CHIP, 18.2k, 1/10W, 1%, 0603
VISHAY, CRCW060318K2FKEA
10
1
R3
RES, CHIP, 100k, 1/10W, 1%, 0603
VISHAY, CRCW0603100KFKEA
11
1
R5
RES, CHIP, 191k, 1/10W, 1%, 0603
VISHAY, CRCW0603191KFKEA
12
1
R7
RES, CHIP, 0, 1/10W, 1%, 0604
VISHAY, CRCW06030000Z0EA
13
1
U1
IC, REGULATOR, 20-QFN, UDC
LINEAR TECH,LT8641EUDC#PBF
Additional Demo Board Circuit Components
1
1
C1
CAP, ALUM 22µF, 100V
SUN ELECT, 100CE22BS
2
2
C3, C10
CAP, X7S, 4.7µF, 100V, 10%, 1210
TDK, C3225X7S2A475K200AB
3
1
C9
CAP, X7R, 1µF, 25V, 10%, 0603
MURATA, GRM188R71E105KA12D
4
1
C13
CAP, X7R, 10µF, 10V, 10%, 0805
MURATA, GRM21BR71A106KE51L
5
1
C14
CAP, X7R, 0.1µF, 100V, 10%, 0603
MURATA, GRM188R72A104KA35D
6
1
FB1
FERRITE BEAD, 0805
TDK, MPZ2012S300A
7
1
L2
IND, 0.22µH
VISHAY, IHLP1212BZERR22M11
8
0
R6 (OPT)
RES, 0603
Hardware: For Demo Board Only
1
9
E2 TO E10
TESTPOINT, TURRET, 0.094"
MILL-MAX, 2501-2-00-80-00-00-07-0
2
1
E1 (OPT)
TESTPOINT, TURRET, 0.094"
3
1
JP1
DOUBLE ROW HEADER 2 x 4 0.079"
SULLINS NRPN042PAEN-RC
4
1
XJP1
SHUNT, 0.079" CENTER
SAMTEC 2SN-BK-G
5
4
MH1 TO MH4
STAND-OFF, NYLON 0.50" TALL
KEYSTONE, 8833 (SNAP ON)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com