Electronic Components Datasheet Search
  English  ▼

X  

LTC3644 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3644
Description  LTC3644 Quad 17V, 1.25A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3644 Datasheet(HTML) 4 Page - Analog Devices

  LTC3644 Datasheet HTML 1Page - Analog Devices LTC3644 Datasheet HTML 2Page - Analog Devices LTC3644 Datasheet HTML 3Page - Analog Devices LTC3644 Datasheet HTML 4Page - Analog Devices LTC3644 Datasheet HTML 5Page - Analog Devices LTC3644 Datasheet HTML 6Page - Analog Devices LTC3644 Datasheet HTML 7Page - Analog Devices LTC3644 Datasheet HTML 8Page - Analog Devices LTC3644 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DEMO MANUAL DC2383A-A
Rev. 0
QUICK START PROCEDURE
The MODE/SYNC pin can also be used to set the phase
shift between channels 1, 2 and channels 3, 4 while
keeping the PHASE pin tied to INTVCC. The phase shift
can be set by modulating the duty cycle of an exter-
nal clock on the MODE/SYNC pin. In this case, the
phase shift will be determined by the applied external
clock rising and falling edges. The switch rising edge
of channels 1, 2 is synced to the rising edge of the
external clock and switch rising edge of channels 3, 4
synced to the falling edge of the external clock. Cross-
talk between channels can be avoided by adjusting the
phase shift between channels such that the SW edges
do not coincide.
9a. (Option) 4-Phase Dual 2.5A/2.5A Output Circuit
Configuration:
DC2383A-A can be configured as dual 2.5A/2.5A
outputs.
Channel 1 and channel 4 are master channels, channel
2 and channel 3 are slaves
The following simple modification is required:
1. Tie VIN1, VIN2, VIN3, VIN4 together or tie VIN1 and
VIN2, VIN3 and VIN4 together if operating channel 1
and channel 2 at different input voltage than that of
channel 3 and channel 4. Make sure SVIN is tied to
the highest input supply voltage.
2. Tie SW1 and SW2, SW3 and SW4 together. Since SW1
and SW2, SW3 and SW4 are tied together, there is
only one inductor needed for each output voltage rail.
Calculate and insert the inductors needed for L1 and
L4, remove L2 and L3.
3. Tie FB2 and FB3 to INTVCC.
4. Float (do not use) PGOOD2 and PGOOD3. Only
PGOOD1 and PGOOD4 are active.
5. Tie RUN1 and RUN2, RUN3 and RUN4 together. Note:
Make sure to float all the unused onboard RUN pin
jumpers to avoid accidently shorting VIN to GND.
6. Tie PHASE pin to INTVCC.
Refer to the demo board DC2383A-A schematic for
more details.
9b. (Option) 4-Phase Triple 2.5A/1.25A/1.25A Output
Circuit Configuration:
DC2383A-A can be configured as triple 2.5A/1.25A/
1.25A outputs.
Channel 1 is master channel, channel 2 is slave.
Channel 3 and channel 4 are independent channels.
The following simple modification is required:
1. Tie VIN1, VIN2, VIN3, VIN4 together or tie VIN1 and VIN2
together, VIN3 and VIN4 can be at different input volt-
ages than VIN1 and VIN2. Make sure SVIN is tied to the
highest input supply voltage.
2. Tie SW1 and SW2 together. There is only one inductor
needed for this output voltage rail. Calculate and insert
the inductor needed for L1 and remove L2.
3. Tie FB2 to INTVCC.
4. Float (do not use) PGOOD2. Only PGOOD1, PGOOD3
and PGOOD4 are active.
5. Tie RUN1 and RUN2 together. Note: Make sure to float
all the unused onboard RUN pin jumpers to avoid
accidently shorting VIN to GND.
6. Tie PHASE pin to INTVCC.
7. Channel 3 and channel 4 are left unchanged since
these two channels operate as independent channels.
Refer to the demo board DC2383A-A schematic for
more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com