Electronic Components Datasheet Search
  English  ▼

X  

LTC3644 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3644
Description  LTC3644 Quad 17V, 1.25A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3644 Datasheet(HTML) 3 Page - Analog Devices

  LTC3644 Datasheet HTML 1Page - Analog Devices LTC3644 Datasheet HTML 2Page - Analog Devices LTC3644 Datasheet HTML 3Page - Analog Devices LTC3644 Datasheet HTML 4Page - Analog Devices LTC3644 Datasheet HTML 5Page - Analog Devices LTC3644 Datasheet HTML 6Page - Analog Devices LTC3644 Datasheet HTML 7Page - Analog Devices LTC3644 Datasheet HTML 8Page - Analog Devices LTC3644 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
DEMO MANUAL DC2383A-A
Rev. 0
QUICK START PROCEDURE
Demonstration circuit 2383A-A is easy to set up to evalu-
ate the performance of the LTC3644. Please refer to
Figure 1 for proper measurement equipment setup and
follow the test procedures below:
1. With power off, connect the input power supply
between VIN (E1) and GND (E7). VIN2, VIN3 and VIN4
are tied to VIN1 (use onboard 0Ω jumpers R31, R29
and R30) by default.
2. Connect the first load between VOUT1 (E18) and GND
(E20) for channel 1, connect the second load between
VOUT2 (E14) and GND (E16) for channel 2, connect
the third load between VOUT3 (E15) and GND (E17),
connect the fourth load between VOUT4 (E19) and GND
(E21). Preset all the loads to 0A.
3. Connect the DMMs between the input test points:
VIN (E1) and GND (E7) to monitor the input voltage.
Connect DMMs between VOUT1 (E18) and GND (E20),
VOUT2 (E14) and GND (E16), VOUT3 (E15) and GND
(E17), VOUT4 (E19) and GND (E21) to monitor the cor-
responding DC output voltages of channel 1, channel 2,
channel 3 and channel 4.
4. Turn on the power supply at the input. Measure and
make sure the input supply voltage is 12V. Place the
RUN 1 (JP1), RUN2 (JP2), RUN3 (JP5) and RUN4
(JP6) jumpers to the ON position. The output volt-
ages should be 1.2V, 3.3V, 2.5V and 1.8V ±2% for
VOUT1, VOUT2, VOUT3 and VOUT4. Four onboard RUN1,
RUN2, RUN3 and RUN4 jumpers allow users to enable
or disable each channel independently for evaluation
purpose. Users need to disable VOUT2 (3.3V) and VOUT3
(2.5V) when varying the input supply voltage down to
2.7V minimum.
5. Once the input and output voltages are properly estab-
lished, adjusting the input voltage between 2.7V to 17V
and the load current within the operating range of 0A
to 1.25A max per channel. Observe the output volt-
age regulation, output voltage ripples, switching node
waveform, load transient response and other param-
eters. Refer to Figure 2 for proper output voltage ripple
measurement. Note 1: To measure the input/output
voltage ripples properly, do not use the long ground
lead on the oscilloscope probe. See Figure 2 for the
proper scope probe technique. Short, stiff leads need
to be soldered to the (+) and (–) terminals of an input
or output capacitor. The probe’s ground ring needs to
touch the (–) lead and the probe tip needs to touch the
(+) lead.
6. To program other output voltages for channel 1, chan-
nel 2, channel 3 and channel 4, put the RUN1 (JP1),
RUN2 (JP2), RUN3 (JP5), RUN4 (JP6) jumpers to the
OFF positions, move JP9, JP7, JP8, JP10 to the out-
put voltage marking of USER SEL for each channel.
Calculate and insert the bottom feedback resistors at
R26, R20, R21 and R27 and repeat step 1 to step 5.
7. (Option) Operation with Different Input Voltages:
Channel 2, channel 3 and channel 4 can operate with
different input voltages than VIN1 and other channels’
VIN. DC2383A-A provides onboard 0Ω jumpers con-
necting the main VIN (or VIN1) to VIN2 (R31), VIN3 (R29)
and VIN4 (R30) by default. Each of these 0Ω jump-
ers can be removed to disconnect VIN2, VIN3, VIN4 of
selected channel from VIN1. Different input voltages for
channel 2, channel 3 and channel 4 should be applied
between VIN2 (E23) and GND (E22), VIN3 (E24) and
GND (E26), VIN4 (E25) and GND (E26) test points.
Note: SVIN is the input voltage to power the internal
LDO and this pin is tied to VIN (or VIN1) by default.
When operating with different channel input voltages,
it is important to make sure VIN1 is on and INTVCC
is present. SVIN can also be disconnected from VIN1
(remove R7) and tied to an external voltage source at
test point SVIN (E2). SVIN can be a different voltage
than VIN1, VIN2, VIN3, VIN4 and should be tied to the
highest input supply voltage.
8. (Option) Frequency Synchronization/Phase Selection:
The MODE/SYNC pin can be used to synchronize the
internal oscillator clock frequency to the external clock
signal. Place JP3 (MODE/PLLIN) at CLKIN position,
apply an external clock signal at CLKIN test point (E10)
to vary the switching frequency within ±50% of the
internal programmed frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com