Electronic Components Datasheet Search
  English  ▼

X  

LTC3644 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3644
Description  LTC3644 Quad 17V, 1.25A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3644 Datasheet(HTML) 2 Page - Analog Devices

  LTC3644 Datasheet HTML 1Page - Analog Devices LTC3644 Datasheet HTML 2Page - Analog Devices LTC3644 Datasheet HTML 3Page - Analog Devices LTC3644 Datasheet HTML 4Page - Analog Devices LTC3644 Datasheet HTML 5Page - Analog Devices LTC3644 Datasheet HTML 6Page - Analog Devices LTC3644 Datasheet HTML 7Page - Analog Devices LTC3644 Datasheet HTML 8Page - Analog Devices LTC3644 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DEMO MANUAL DC2383A-A
Rev. 0
PERFORMANCE SUMMARY Specifications are at T
A = 25°C
PARAMETER
CONDITIONS
VALUE
Input Voltage Range VIN
2.7V to 17V
Demo Board Default Output Voltages
VOUT1, VOUT2, VOUT3, VOUT4
fSW = 1MHz
VIN = 2.7V to 17V (VOUT < VIN)
ILOAD = 0A to 1.25A per Channel
1.2V ±2%
3.3V ±2%
2.5V ±2%
1.8V ±2%
Default Switching Frequency
Internally Fixed Switching Frequency
1MHz ±18%
Maximum Continuous Output Current IOUT per Channel
IOUT1, IOUT2, IOUT3, IOUT4
fSW = 1MHz
VIN = 2.7V to 17V (VOUT < VIN)
VOUT = 1.2V, 1.8V, 2.5V, 3.3V
1.25A
Efficiency
VIN = 12V
fSW = 1MHz
VOUT1 = 1.2V at IOUT1 = 1.25A
VOUT2 = 3.3V at IOUT2 = 1.25A
VOUT3 = 2.5V at IOUT3 = 1.25A
VOUT4 = 1.8V at IOUT4 = 1.25A
Channel 1: 79.1%
Channel 2: 89.0%
Channel 3: 86.7%
Channel 4: 84.5%
(Figure 4)
Thermal Performance (Peak Temperature)
VIN = 12V
fSW = 1MHz
VOUT1 = 1.2V, VOUT2 = 3.3V,
VOUT3 = 2.5V, VOUT4 = 1.8V
IOUT = 1.25A per Channel
TA = 25°C, No Heatsink, No Forced Airflow
LTC3644: 56.3°C
L1: 36.6°C
L2: 38.7°C
L3: 38.1°C
L4: 37.4°C
(Figure 6)
Dynamic Load Transient Response
VOUT1(P-P)
VOUT2(P-P)
VOUT3(P-P)
VOUT4(P-P)
VIN = 12V
fSW = 1MHz, FCM
VOUT1 = 1.2V, IOUT1_STEP = 0.625A to 1.25A
VOUT2 = 3.3V, IOUT2_STEP = 0.625A to 1.25A
VOUT3 = 2.5V, IOUT3_STEP = 0.625A to 1.25A
VOUT4 = 1.8V, IOUT4_STEP = 0.625A to 1.25A
COUT_ceramic = 1x47µF per Channel
VOUT1(P-P) = 128mV (Figure 7a)
VOUT2(P-P) = 166mV (Figure 7d)
VOUT3(P-P) = 141mV (Figure 7c)
VOUT4(P-P) = 134mV (Figure 7b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com