Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 125
Description  2-input AND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

125 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  125 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74AHC_AHCT1G08
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 18 November 2014
3 of 12
NXP Semiconductors
74AHC1G08; 74AHCT1G08
2-input AND gate
7.
Functional description
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For both TSSOP5 and SC-74A packages: above 87.5
C the value of P
tot derates linearly with 4.0 mW/K.
9.
Recommended operating conditions
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level
Inputs
Output
A
B
Y
LLL
LH
L
HL
L
HHH
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7.0
V
VI
input voltage
0.5
+7.0
V
IIK
input clamping current
VI < 0.5 V
20
-
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1] -
20
mA
IO
output current
0.5 V < V
O <VCC +0.5 V
-
25
mA
ICC
supply current
-
75
mA
IGND
ground current
75
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2] -
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74AHC1G08
74AHCT1G08
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
t/V
input transition rise
and fall rate
VCC = 3.3 V  0.3 V
-
-
100
-
-
-
ns/V
VCC = 5.0 V  0.5 V
-
-
20
-
-
20
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com