Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 125
Description  2-input AND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

125 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  125 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74AHC_AHCT1G08
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 18 November 2014
5 of 12
NXP Semiconductors
74AHC1G08; 74AHCT1G08
2-input AND gate
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation PD (W).
PD =CPD  VCC2  fi +  (CL  VCC2  fo)where:
fi = input frequency in MHz; fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.0
-
10
-
40
A
I
CC
additional
supply current
per input pin; VI =3.4 V;
other inputs at VCC or GND;
IO =0 A; VCC = 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
1.5
10
-
10
-
10
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf =  3.0 ns. For test circuit see Figure 6.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC1G08
tpd
propagation
delay
A and B to Y; see Figure 5
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
4.6
8.8
1.0
10.5
1.0
12.0
ns
CL = 50 pF
-
6.5
12.3
1.0
14.0
1.0
16.0
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.2
5.9
1.0
7.0
1.0
8.0
ns
CL = 50 pF
-
4.6
7.9
1.0
9.0
1.0
10.5
ns
CPD
power
dissipation
capacitance
per buffer; CL = 50pF;f= 1
MHz; VI =GND to VCC
[4]
-17-
-
-
-
-
pF
For type 74AHCT1G08
tpd
propagation
delay
A and B to Y; see Figure 5
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.6
6.2
1.0
7.1
1.0
8.0
ns
CL = 50 pF
-
5.1
7.9
1.0
9.0
1.0
10.5
ns
CPD
power
dissipation
capacitance
per buffer; CL = 50pF;f= 1
MHz; VI =GND to VCC
[4]
-19-
-
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com