Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4700
Description  LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 2 × LTM4700, 200A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices LTM4700 Datasheet HTML 10Page - Analog Devices LTM4700 Datasheet HTML 11Page - Analog Devices LTM4700 Datasheet HTML 12Page - Analog Devices LTM4700 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
DEMO MANUAL
DC2784B-A
Rev. 0
LTpowerPlay QUICK START PROCEDURE
The following procedure describes how to use LTpowerPlay
to monitor and change the settings of LTM4700.
1. Download and install the LTpowerPlay GUI: LTpowerPlay
2. Launch the LTpowerPlay GUI.
a. The GUI should automatically identify the
DC2784B-A. The system tree on the left hand side
should look like this:
b. A green message box shows for a few seconds in
the lower left hand corner, confirming that LTM4700
is communicating:
c. In the Toolbar, click the “R” (RAM to PC) icon to
read the RAM from the LTM4700. This reads the
configuration from the RAM of LTM4700 and loads
it into the GUI.
d. If you want to change the output voltage to a differ-
ent value, like 0.8V. In the Config tab, type in 0.8 in
the VOUT_COMMAND box, like this:
Then, click the “W” (PC to RAM) icon to write these reg-
ister values to the LTM4700. After finishing this step,
you will see the output voltage will change to 0.8V.
If the write is successful, you will see the following
message:
e. You can save the changes into the NVM. In the tool
bar, click “RAM to NVM” button, as following
f. Save the demo board configuration to a (*.proj) file.
Click the Save icon and save the file. Name it what-
ever you want.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com