Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4700
Description  LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 2 × LTM4700, 200A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices LTM4700 Datasheet HTML 10Page - Analog Devices LTM4700 Datasheet HTML 11Page - Analog Devices LTM4700 Datasheet HTML 12Page - Analog Devices LTM4700 Datasheet HTML 13Page - Analog Devices LTM4700 Datasheet HTML 14Page - Analog Devices LTM4700 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
DEMO MANUAL
DC2784B-A
Rev. 0
PARTS LIST
ITEM QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
31
1
R123
RES., 1M, 5%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06031M00JNEA
32
2
R124, R224
RES., 200Ω, 1%, 1/10W, 0603
VISHAY, CRCW0603200RFKEA
33
1
R137
RES., 2.43k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06032K43FKEA
34
1
R148
RES., 3.24k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06033K24FKEA
35
1
R203
RES., 681k, 1%, 1/10W, 0603
VISHAY, CRCW0603681KFKEA
36
1
R204
RES., 3.3Ω, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06033R30FKEA
37
1
R205
RES., 82.5Ω, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW060382R5FKEA
38
2
R213, R223
RES., 4.99k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06034K99FKEA
39
1
R220
RES., 15.8k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW060315K8FKEA
40
1
R229
RES., 100k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW0603100KFKEA
41
1
R233
RES., 100Ω, 1%, 1W, 0603, AEC-Q200
VISHAY, CRCW0603100RFKEA
42
1
R234
RES., 1.4k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06031K40FKEA
43
1
R235
RES., 154k, 5%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW0603154KJNEA
44
1
R236
RES., 2Ω, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06032R00FKEA
45
2
SW1, SW2
SWITCH, SUBMINIATURE SLIDE
C&K COMPONENTS, JS202011CQN
46
2
U1, U2
IC, LTM4700EY
ANALOG DEVICES, LTM4700EY#PBF
47
1
U5
IC, MEMORY, EEPROM, 2kb (256×8),
TSSOP-8, 400kHz
MICROCHIP, 24LC025-I/ST
48
1
U6
IC, µPWR LDO REG W/SHUTDOWN, SO-8
ANALOG DEVICES, LT1129CS8-5#PBF
49
1
U7
IC, TIMERBLOX: VOLTAGE-CTRL. PWM,
TSOT23-6
ANALOG DEVICES, LTC6992CS6-1#PBF
50
1
U8
IC, SINGLE 100V, 85MHz, OP AMP,
TSOT-23-5
ANALOG DEVICES, LT1803IS5#PBF
Additional Demo Board Circuit Components
1
0
C14, C16, C17, C29, C31, C32, C34, C36, C40-
C44, C46-C56, C58,
CAP., OPTION 0603
OPTION
2
0
COUT48-COUT51, COUT53-COUT57, COUT59,
COUT61, COUT64, COUT65, COUT67,
COUT70-COUT73, COUT76, COUT77, COUT79,
COUT82-COUT87, COUT89, COUT90-COUT92,
COUT94, CIN19-CIN24, CIN26-CIN32,
CIN34-CIN36
CAP., OPT, 1210
OPT
3
0
COUT52, COUT58, COUT60, COUT62,
COUT63, COUT66, COUT68, COUT69,
COUT74, COUT75, COUT78, COUT80,
COUT81, COUT88, COUT95, COUT96,
OPT, D3L
OPTION
4
0
D2
DIODE, OPTION, SOD-323
OPTION
5
0
R8, R27-R31, R109, R117, R120, R121,
R127, R130, R134, R138-R140, R144, R145,
R150-R152, R155, R157, R160, R208, R216,
R218, R219, R221, R226, R238-R245
RES., OPTION, 0603
OPTION
6
17 R9, R91, R92, R112, R114, R132, R135,
R136, R146, R147, R149, R158, R202, R211,
R215, R222, R227
RES., 0Ω, 1/10W, 0603
VISHAY, CRCW06030000Z0EA
7
0
R104, R105, R122, R128, R141, R143, R153,
R156
RES., OPTION, 0805
OPTION
8
0
R217
RES., OPTION, 1206
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com