Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4700
Description  LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 2 × LTM4700, 200A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 2 Page - Analog Devices

  LTM4700 Datasheet HTML 1Page - Analog Devices LTM4700 Datasheet HTML 2Page - Analog Devices LTM4700 Datasheet HTML 3Page - Analog Devices LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
DEMO MANUAL
DC2784B-A
Rev. 0
QUICK START PROCEDURE
Table 1. LTM4700 Demo Boards for Up to 400A Point-of-Load
Regulation
MAXIMUM
OUTPUT
CURRENT
NUMBER
OF
OUTPUTS
NUMBER OF LTM4700
µModule REGULATORS
ON THE BOARD
DEMO BOARD
NUMBER
50A
2
1
DC2702A-A
100A
1
1
DC2702A-B
200A
1
2
DC2784B-A
300A
1
3
DC2784B-B
400A
1
4
DC2784B-C
Demonstration circuit 2784B-A is easy to set up to evalu-
ate the performance of the LTM4700EY. Refer to Figure 2
for the proper measurement equipment setup and follow
the procedure below.
1. With power off, connect the input power supply to VIN
(4.5V to 16V) and GND (input return).
2. Connect the 1.0V output load between VOUT and GND
(initial load: no load).
3. Connect the DVMs to the input and outputs. Set default
jumper position: JP1: ON; JP2: ON; JP3: ON.
4. Turn on the input power supply and check for the
proper output voltages. VOUT should be 1.0V ±0.5%.
5. Once the proper output voltages are established,
adjust the loads within the operating range and ob-
serve the output voltage regulation, ripple voltage and
other parameters.
6. Connect the dongle and control the output voltages
from the GUI. See “LTpowerPlay GUI for the LTM4700
Quick Start Guide” for details.
NOTE: Internal bias circuit is enabled when VIN > 7V and
JP3 is ON.
NOTE: When measuring the output or input voltage rip-
ple, do not use the long ground lead on the oscilloscope
probe. See Figure 3 for the proper scope probe technique.
Short, stiff leads need to be soldered to the (+) and (–)
terminals of an output capacitor. The probe’s ground ring
needs to touch the (–) lead and the probe tip needs to
touch the (+) lead.
PERFORMANCE SUMMARY Specifications are at T
A = 25°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
VALUE
Input Voltage Range
4.5
16
V
Output Voltage, VOUT
VIN = 4.5V to 16V, IOUT = 0A to 200A
0.5
1.0
1.8
V
Maximum Output Current, IOUT
VIN = 4.5V to 16V, VOUT = 0.5V to 1.8V
200
A
Typical Efficiency
VIN = 12V, VOUT = 1.0V, IOUT = 200A
88.7 (See Figure 5)
%
Default Switching Frequency
350
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com