Electronic Components Datasheet Search
  English  ▼

X  

LTM4700EY Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4700EY
Description  LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 3 × LTM4700, 300A
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700EY Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4700EY Datasheet HTML 5Page - Analog Devices LTM4700EY Datasheet HTML 6Page - Analog Devices LTM4700EY Datasheet HTML 7Page - Analog Devices LTM4700EY Datasheet HTML 8Page - Analog Devices LTM4700EY Datasheet HTML 9Page - Analog Devices LTM4700EY Datasheet HTML 10Page - Analog Devices LTM4700EY Datasheet HTML 11Page - Analog Devices LTM4700EY Datasheet HTML 12Page - Analog Devices LTM4700EY Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
DEMO MANUAL
DC2784B-B
Rev. 0
PARTS LIST
ITEM QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
4
CIN1, CIN16, CIN37, CIN38
CAP., 180µF, ALUM. POLY., 25V, 20%,
8mm ×12mm SMD, E12
PANASONIC, 25SVPF180M
2
16 CIN2-CIN15, CIN17, CIN18
CAP., 22µF X6S 25V 10% 1210;
MURATA, GRM32EC81E226KE15L
3
8
CIN19-CIN24, CIN26, CIN27
CAP., 22µF X6S 25V 10% 1210
MURATA, GRM32EC81E226KE15L
4
54 COUT1-COUT3, COUT6-COUT8, COUT14-
COUT16, COUT18-COUT27, COUT29-COUT33,
COUT35, COUT37, COUT40, COUT41,
COUT43, COUT46, COUT47, COUT49-
COUT51, COUT53-COUT57, COUT59, COUT61,
COUT64, COUT65, COUT67, COUT70-
COUT72, COUT93, COUT97-COUT102
CAP., 100µF X6S 6.3V 20%1210
MURATA, GRM32EC80J107ME20L
5
24 COUT4, COUT5, COUT9-COUT13, COUT17,
COUT28, COUT34, COUT36, COUT38,
COUT39, COUT42, COUT44, COUT45,
COUT52, COUT58, COUT60, COUT62,
COUT63, COUT66, COUT68, COUT69
CAP., 470µF, ALUM POLY, 2.5V, 20%
SMD D3L
PANASONIC, EEF-GX0E471R
6
1
C15
CAP., X7R, 0.022µF, 25V, 5%, 0603
AVX, 06033C223JAT2A
7
3
C28, C73, C74
CAP., X7R, 0.01µF, 25V, 5%, 0603
AVX, 06033C103JAT2A
8
4
C33, C35, C45, C57
CAP., X6S, 22µF, 6.3V, 20%, 0603
MURATA, GRM188C80J226ME15D
9
1
C64
CAP., X5R, 4.7µF, 16V, 10%, 0603
TDK, C1608X5R1C475K080AC
10
2
C65, C68
CAP., X7R, 1µF, 25V, 10%, 1206
KEMET, C1206C105K3RACTU
11
1
C66
CAP., X7R, 0.22µF, 16V, 10%, 0805
TDK, C2012X7R1C224K
12
1
C67
CAP., X5R, 0.1µF, 16V, 10%, 1206
AVX, 1206YD104KAT2A
13
1
C69
CAP., X7R, 1800pF, 25V, 5%, 0603
AVX, 06033C182JAT2A
14
1
C70
CAP., X7R, 1µF, 25V, 10%, 0805
AVX, 08053C105KAT2A
15
1
C71
CAP., X5R, 0.1µF, 16V, 10%, 0603
AVX, 0603YD104KAT2A
16
1
D1
LED, SUPER RED, WATERCLEAR, 0603
WURTH ELEKTRONIK, 150060SS75000
17
1
D3
DIODE SCHOTTKY 20V 500mA SOD882
NXP, PMEG2005AEL
18
2
D4, D5
LED, GREEN, WATERCLEAR, 0603
WURTH ELEKTRONIK, 150060GS75000
19
1
Q1
XSTR., MOSFET, P-CH, 20V, 5.9A, TO-236
(SOT-23)
VISHAY, Si2365EDS-T1-GE3
20
2
Q2, Q3
MOSFET N-CHANNEL 30V 90A TO252
TAIWAN SEMICONDUCTOR CORPORATION,
TSM040N03CP ROG
21
1
Q4
XSTR., MOSFET, P-CH, 30V, 3.5A, SOT-23,
AEC-Q101
DIODES INC., DMP3130L-7
22
2
Q5, Q6
XSTR., MOSFET, N-CH, 60V, 300mA, SOT-23 FAIRCHILD SEMI., 2N7002K
23
15 R10-R15, R18, R24, R94, R106, R116, R126,
R142, R154, R210
RES., 10k, 5%, 1/10W, 0603
VISHAY, CRCW060310K0JNEA
24
5
R25, R32, R70, R125, R237
RES., 10Ω, 1%, 1/10W, 0603
VISHAY, CRCW060310R0FKEA
25
1
R26
RES., 787Ω, 1%, 1/10W, 0603
VISHAY, CRCW0603787RFKEA
26
1
R86
RES., 127Ω, 1%, 1/10W, 0603
VISHAY, CRCW0603127RFKEA
27
4
R90, R108, R133, R159
RES., 0.001Ω, 2W, 1%, 2512, SENSE,
AEC-Q200
BOURNS INC., CRF-2512-FZ-R001ELF
28
1
R110
RES., 5k, 10%, 1/2W, THT 3/8" SQUARE,
SINGLE TURN, TOP ADJ., TRIMPOT
BOURNS, 3386P-1-502-LF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com