Electronic Components Datasheet Search
  English  ▼

X  

LTM4700EY Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4700EY
Description  LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 3 × LTM4700, 300A
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700EY Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4700EY Datasheet HTML 7Page - Analog Devices LTM4700EY Datasheet HTML 8Page - Analog Devices LTM4700EY Datasheet HTML 9Page - Analog Devices LTM4700EY Datasheet HTML 10Page - Analog Devices LTM4700EY Datasheet HTML 11Page - Analog Devices LTM4700EY Datasheet HTML 12Page - Analog Devices LTM4700EY Datasheet HTML 13Page - Analog Devices LTM4700EY Datasheet HTML 14Page - Analog Devices LTM4700EY Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
DEMO MANUAL
DC2784B-B
Rev. 0
ITEM QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
4
0
R8, R27-R31, R109, R117, R120, R121,
R127, R130, R134, R138-R140, R144, R145,
R150-R152, R155, R157, R160, R208, R216,
R218, R219, R221, R226, R238-R245
RES., OPTION, 0603
OPTION
5
17 R9, R91, R92, R112, R114, R132, R135,
R136, R146, R147, R149, R158, R202, R211,
R215, R222, R227
RES., 0Ω, 1/10W, 0603
VISHAY, CRCW06030000Z0EA
6
0
R104, R105, R122, R128, R141, R143, R153,
R156
RES., OPTION, 0805
OPTION
7
0
R217
RES., OPTION, 1206
OPTION
8
0
R230, R231
RES., OPTION, 2512
OPTION
9
0
U4
IC, OPT
OPT
10
COUT74, COUT75, COUT78, COUT80,
COUT81, COUT88, COUT95, COUT96
OPT, D3L
OPTION
Hardware: For Demo Board Only
1
25 E1-E21, E23-E26
TEST POINT, TURRET, 0.064", MTG. HOLE
MILL-MAX, 2308-2-00-80-00-00-07-0
2
2
JP2, JP4
CONN., HEADER, 1×3, 2mm
WURTH ELEKTRONIK, 62000311121
3
2
XJP2, XJP4
CONN., SHUNT, FEMALE, 2-POS, 2mm
WURTH ELEKTRONIK, 60800213421
4
10 J1, J2, J5-J8, J16, J18-J20
STUD, FASTENER, #10-32
PENNENGINEERING, KFH-032-10ET
5
20 J1, J2, J5-J8, J16, J18-J20 (×2)
NUT, HEX, STEEL, ZINC PLATE, 10-32
KEYSTONE, 4705
6
10 J1, J2, J5-J8, J16, J18-J20
RING, LUG, CRIMP, #10, NON-INSULATED,
SOLDERLESS TERMINALS
KEYSTONE, 8205
7
10 J1, J2, J5-J8, J16, J18-J20
WASHER, FLAT, STEEL, ZINC PLATE, OD:
0.436 [11.1]
KEYSTONE, 4703
8
2
J15, J21
CONN., RF, BNC, RCPT, THT, STR, 5-PIN
AMPHENOL CONNEX, 112404
9
1
J17
CONN., HDR, MALE, 2×7, 2mm, R/A THT
MOLEX, 87760-1416
10
1
J22
CONN., HDR, FEMALE, 2×7, 2mm, R/A THT SULLINS CON., NPPN072FJFN-RC
11
1
J23
CONN., HDR, SHROUDED, 2×6, 2mm,
THT, VERT
FCI, 98414-G06-12ULF
12
1
J24
CONN., HDR, SHROUDED, 1×4, 2mm, R/A
THT STR
HIROSE ELECTRIC CO., LTD.,
DF3A-4P-2DSA
13
4
MH1-MH4
STANDOFF, NYLON, SNAP-ON, 0.50"
WURTH ELEKTRONIK, 702935000
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com