Electronic Components Datasheet Search
  English  ▼

X  

LTM4700EY Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4700EY
Description  LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 3 × LTM4700, 300A
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700EY Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4700EY Datasheet HTML 6Page - Analog Devices LTM4700EY Datasheet HTML 7Page - Analog Devices LTM4700EY Datasheet HTML 8Page - Analog Devices LTM4700EY Datasheet HTML 9Page - Analog Devices LTM4700EY Datasheet HTML 10Page - Analog Devices LTM4700EY Datasheet HTML 11Page - Analog Devices LTM4700EY Datasheet HTML 12Page - Analog Devices LTM4700EY Datasheet HTML 13Page - Analog Devices LTM4700EY Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
DEMO MANUAL
DC2784B-B
Rev. 0
PARTS LIST
ITEM QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
29
2
R111, R115
RES., 20k, 5%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW060320K0JNEA
30
1
R113
RES., 1.65k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06031K65FKEA
31
2
R118, R232
RES 0.003Ω 1% 1/2W 2010
VISHAY, WSL20103L000FEA
32
1
R123
RES., 1M, 5%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06031M00JNEA
33
2
R124, R224
RES., 200Ω, 1%, 1/10W, 0603
VISHAY, CRCW0603200RFKEA
34
1
R137
RES., 2.43k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06032K43FKEA
35
1
R148
RES., 3.24k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06033K24FKEA
36
1
R203
RES., 681k, 1%, 1/10W, 0603
VISHAY, CRCW0603681KFKEA
37
1
R204
RES., 3.3Ω, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06033R30FKEA
38
1
R205
RES., 82.5Ω, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW060382R5FKEA
39
2
R213, R223
RES., 4.99k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06034K99FKEA
40
1
R220
RES., 15.8k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW060315K8FKEA
41
1
R229
RES., 100k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW0603100KFKEA
42
1
R233
RES., 100Ω, 1%, 1W, 0603, AEC-Q200
VISHAY, CRCW0603100RFKEA
43
1
R234
RES., 1.4k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06031K40FKEA
44
1
R235
RES., 154k, 5%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW0603154KJNEA
45
1
R236
RES., 2Ω, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06032R00FKEA
46
2
SW1, SW2
SWITCH, SUBMINATURE SLIDE
C&K COMPONENTS, JS202011CQN
47
2
U1, U2
IC, LTM4700EY
ANALOG DEVICES, LTM4700EY#PBF
48
1
U3
IC, LTM4700EY
ANALOG DEVICES, LTM4700EY#PBF
49
1
U5
IC, MEMORY, EEPROM, 2Kb (256×8),
TSSOP-8, 400kHz
MICROCHIP, 24LC025-I/ST
50
1
U6
IC, µPWR LDO REG W/SHUTDOWN, SO-8
ANALOG DEVICES, LT1129CS8-5#PBF
51
1
U7
IC, TIMERBLOX: VOLTAGE-CTRL. PWM,
TSOT23-6
ANALOG DEVICES, LTC6992CS6-1#PBF
52
1
U8
IC, SINGLE 100V, 85MHz, OP AMP,
TSOT-23-5
ANALOG DEVICES, LT1803IS5#PBF
Additional Demo Board Circuit Components
1
0
COUT73, COUT76, COUT77, COUT79,
COUT82, COUT83, COUT84, COUT85,
COUT86, COUT87, COUT89, COUT90,
COUT91, COUT92, COUT48, COUT94, CIN28,
CIN29, CIN30, CIN31, CIN32, CIN34, CIN35,
CIN36
CAP., OPT, 1210
OPT
2
0
c14, C16, C17, C29, C31, C32, C34, C36, C40,
C41, C42, C43, C44, C46, C47, C48, C49, C50,
C51, C52, C53, C54, C55, C56, C58
CAP., OPTION 0603
OPTION
3
0
D2
DIODE, OPTION, SOD-323
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com