Electronic Components Datasheet Search
  English  ▼

X  

LTM4712 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM4712
Description  LTM4712 36VIN, 12A Buck-Boost μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712 Datasheet(HTML) 5 Page - Analog Devices

  LTM4712 Datasheet HTML 1Page - Analog Devices LTM4712 Datasheet HTML 2Page - Analog Devices LTM4712 Datasheet HTML 3Page - Analog Devices LTM4712 Datasheet HTML 4Page - Analog Devices LTM4712 Datasheet HTML 5Page - Analog Devices LTM4712 Datasheet HTML 6Page - Analog Devices LTM4712 Datasheet HTML 7Page - Analog Devices LTM4712 Datasheet HTML 8Page - Analog Devices LTM4712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
DEMO MANUAL DC3189A
Rev. 0
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Output Voltage Ripple
(Boost Mode)
Figure 8. Output Voltage Ripple
(Buck-Boost Mode)
Figure 9. Output Voltage Ripple
(Buck Mode)
dc3189a F07
2 s/DIV
VOUT
50mV/DIV
20MHz BW
VIN = 5V, VOUT = 12V, IOUT = 6A,
fSW = 400kHz,
VOUT PEAK TO PEAK = 145mV
dc3189a F08
2 s/DIV
VOUT
50mV/DIV
20MHz BW
VIN = 12V, VOUT = 12V, IOUT = 12A,
fSW = 400kHz,
VOUT PEAK TO PEAK = 92mV
dc3189a F09
2 s/DIV
VOUT
10mV/DIV
20MHz BW
VIN = 24V, VOUT = 12V, IOUT = 12A,
fSW = 400kHz,
VOUT PEAK TO PEAK = 31mV
dc3189a F10
200 s/DIV
VOUT
500mV/DIV
VIN = 5V, VOUT = 12V, IOUT = 0A TO 3A,
fSW = 400kHz,
VOUT PEAK TO PEAK = 1.06V
ILOAD
2A/DIV
dc3189a F11
200 s/DIV
VOUT
500mV/DIV
VIN = 12V, VOUT = 12V, IOUT = 0A TO 6A,
fSW = 400kHz,
VOUT PEAK TO PEAK = 1.16V
ILOAD
5A/DIV
dc3189a F12
200 s/DIV
VOUT
500mV/DIV
VIN = 24V, VOUT = 12V, IOUT = 0A TO 6A,
fSW = 400kHz,
VOUT PEAK TO PEAK = 840mV
ILOAD
5A/DIV
Figure 10. Load Transient
Response (Boost Mode)
Figure 11. Load Transient Response
(Buck-Boost Mode)
Figure 12. Load Transient
Response (Buck Mode)
Figure 13. Short-Circuit Response
(Boost Mode)
Figure 14. Short-Circuit
Response (Buck-Boost Mode)
Figure 15. Short-Circuit Response
(Buck Mode)
dc3189a F13
200 s/DIV
IIN
5A/DIV
VIN = 5V, VOUT = 12V, IOUT = 0A,
fSW = 400kHz
VOUT
5V/DIV
dc3189a F14
200 s/DIV
IIN
5A/DIV
VIN = 12V, VOUT = 12V, IOUT = 0A,
fSW = 400kHz
VOUT
5V/DIV
dc3189a F15
200 s/DIV
IIN
5A/DIV
VIN = 24V, VOUT = 12V, IOUT = 0A,
fSW = 400kHz
VOUT
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com