Electronic Components Datasheet Search
  English  ▼

X  

LTM4712 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4712
Description  LTM4712 36VIN, 12A Buck-Boost μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4712 Datasheet HTML 2Page - Analog Devices LTM4712 Datasheet HTML 3Page - Analog Devices LTM4712 Datasheet HTML 4Page - Analog Devices LTM4712 Datasheet HTML 5Page - Analog Devices LTM4712 Datasheet HTML 6Page - Analog Devices LTM4712 Datasheet HTML 7Page - Analog Devices LTM4712 Datasheet HTML 8Page - Analog Devices LTM4712 Datasheet HTML 9Page - Analog Devices LTM4712 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
DEMO MANUAL DC3189A
Rev. 0
Boost Mode
VIN
(V)
MAX CASE
TEMP (°C)
VOUT
(V)
IOUT
(A)
5
71.5
12
6
Figure 16. Boost Mode Measured Thermal Captures Without
Forced Airflow, TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 17. Buck-Boost Mode Measured Thermal Captures
Without Forced Airflow, TA = 25°C
Buck Mode
VIN
(V)
MAX CASE
TEMP (°C)
VOUT
(V)
IOUT
(A)
24
67.4
12
12
Figure 18. Buck Mode Measured Thermal Captures Without
Forced Airflow, TA = 25°C
Buck-Boost Mode
VIN
(V)
MAX CASE
TEMP (°C)
VOUT
(V)
IOUT
(A)
12
72.17
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com