Electronic Components Datasheet Search
  English  ▼

X  

LTM4712 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4712
Description  LTM4712 36VIN, 12A Buck-Boost μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4712 Datasheet HTML 2Page - Analog Devices LTM4712 Datasheet HTML 3Page - Analog Devices LTM4712 Datasheet HTML 4Page - Analog Devices LTM4712 Datasheet HTML 5Page - Analog Devices LTM4712 Datasheet HTML 6Page - Analog Devices LTM4712 Datasheet HTML 7Page - Analog Devices LTM4712 Datasheet HTML 8Page - Analog Devices LTM4712 Datasheet HTML 9Page - Analog Devices LTM4712 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
DEMO MANUAL DC3189A
Rev. 0
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
4
C1, C2, C15, C27
CAP., 10µF, X7R, 50V, 10%,1210
MURATA, GRM32ER71H106KA12L
2
6
C5, C7, C28-C31
CAP., 22µF, X7R, 16V, 10%, 1210
MURATA, GRM32ER71C226KEA8L
3
2
C6, C14
CAP., 100µF, TANT, POLY, 16V, 20%, 2917, POSCAP PANASONIC, 16TQC100MYF
4
1
C8
CAP., 1µF, X5R, 50V, 10%, 0603
TDK, C1608X5R1H105K080AB
5
2
C9, C32
CAP., 150µF, ALUM ELECT, 50V, 20%, 10mm ×
10.2mm, G, SMD, RADIAL, FK SERIES, AEC-Q200
PANASONIC, EEEFK1H151P
6
1
C10
CAP., 0.01µF, X7R, 25V, 10%, 0603
TDK, C1608X7R1H103K080AA
7
5
C17, C19, C20, C35, C37
CAP., 0.1µF, X7R, 50V, 10%, 0805
WURTH ELEKTRONIK, 885012207098
8
1
C22
CAP., 2.2µF, X7R, 10V, 10%, 0603
MURATA, GRM188R71A225KE15D
9
1
C25
CAP., 0.22µF, X7R, 50V, 10%, 0805
WURTH ELEKTRONIK, 885012207100
10
2
R2, R5
RES., 100Ω, 1%, 1/10W, 0603
VISHAY, CRCW0603100RFKEA
11
1
R3
RES., 9.09k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW06039K09FKEA
12
1
R4
RES., 0.002Ω, ±1%, 1W, 1508, LONG-SIDE TERM
SUSUMU, RL3720WT-R002-F
13
1
R6
RES., 140k, 1%, 1/10W, 0603, AEC-Q200
PANASONIC, ERJ3EKF1403V
14
1
R14
RES., 1M, 1%, 1/10W, 0603, AEC-Q200
NIC, NRC06F1004TRF
15
1
R15
RES., 365k, 1%, 1/10W, 0603, AEC-Q200
KOA SPEER, RK73H1JTTD3653F
16
1
R17
RES., 100k, 1%, 1/10W, 0603
VISHAY, CRCW0603100KFKEA
17
1
U1
IC, 36VIN 12A BUCK-BOOST μModule REGULATOR,
BGA-144
ANALOG DEVICES, LTM4712EY#PBF
Additional Demo Board Circuit Components
1
0
C3, C4, C11, C24, C36
CAP., OPTION, 0603
2
0
C12, C13, C16, C21, C26,
C33
CAP., OPTION, 1210
3
0
C23
CAP., OPTION, 0805
4
0
L1
IND., OPTION
5
0
R1, R11, R19
RES., OPTION, 0603
6
3
R10, R16, R18
RES., 0Ω,1/10W,0603,AEC-Q200
PANASONIC, ERJ3GEY0R00V
7
1
R12
RES., 0Ω, ±0.005%,0805
KEYSTONE, 5106
Hardware: For Demo Board Only
1
10 E1-E5, E7, E8, E10, E12,
E13
TEST POINT, TURRET, 0.094" MTG. HOLE, PCB
0.062" THK
MILL-MAX, 2501-2-00-80-00-00-07-0
2
4
J1-J4
CONN.,BANANA JACK, FEMALE, THT, NON-
INSULATED, SWAGE, 0.218"
KEYSTONE, 575-4
3
1
JP1
CONN., HDR, MALE, 1×3, 2mm, VERT, ST, THT, NO
SUBS. ALLOWED
WURTH ELEKTRONIK, 62000311121
4
4
MP1-MP4
STANDOFF, NYLON, SNAP-ON, 0.625"
KEYSTONE, 8834
5
1
SW1
SWITCH, SLIDE, DPDT, 0.3A, 6VDC, PTH
C&K, JS202011CQN
6
1
XJP1
CONN., SHUNT, FEMALE, 2-POS, 2mm
WURTH ELEKTRONIK, 60800213421



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com