Electronic Components Datasheet Search
  English  ▼

X  

B32682 Datasheet(PDF) 7 Page - EPCOS

Part # B32682
Description  Film Capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32682 Datasheet(HTML) 7 Page - EPCOS

Back Button B32682 Datasheet HTML 3Page - EPCOS B32682 Datasheet HTML 4Page - EPCOS B32682 Datasheet HTML 5Page - EPCOS B32682 Datasheet HTML 6Page - EPCOS B32682 Datasheet HTML 7Page - EPCOS B32682 Datasheet HTML 8Page - EPCOS B32682 Datasheet HTML 9Page - EPCOS B32682 Datasheet HTML 10Page - EPCOS B32682 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
VDC
VRMS
f
≤1 kHz
VAC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitances values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M=
±20%
K=
±10%
J=
±5%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
000 = Straight terminals, untaped
(lead length 6
1 mm)
400 250
33.0
6.0
× 15.0 × 26.5 B32683A4333+*** 2720
2800
2880
47.0
6.0
× 15.0 × 26.5 B32683A4473+*** 2720
2800
2880
68.0
7.0
× 16.0 × 26.5 B32683A4683+*** 2320
2400
2520
100.0
8.5
× 16.5 × 26.5 B32683A4104+*** 1920
2000
2040
150.0 10.5
× 18.5 × 26.5 B32683A4154+*** 1560
1600
2160
630 300
33.0
6.0
× 15.0 × 26.5 B32683A6333+*** 2720
2800
2880
47.0
7.0
× 16.0 × 26.5 B32683A6473+*** 2320
2400
2520
68.0
8.5
× 16.5 × 26.5 B32683A6683+*** 1920
2000
2040
100.0 10.5
× 18.5 × 26.5 B32683A6104+*** 1560
1600
2160
150.0 12.0
× 22.0 × 26.5 B32683A6154+***
1800
1000 400
10.0
6.0
× 15.0 × 26.5 B32683A0103+*** 2720
2800
2880
15.0
6.0
× 15.0 × 26.5 B32683A0153+*** 2720
2800
2880
22.0
7.0
× 16.0 × 26.5 B32683A0223+*** 2320
2400
2520
33.0
8.5
× 16.5 × 26.5 B32683A0333+*** 1920
2000
2040
47.0 10.5
× 18.5 × 26.5 B32683A0473+*** 1560
1600
2160
68.0 12.0
× 22.0 × 26.5 B32683A0683+***
1800
1250 450
10.0
6.0
× 15.0 × 26.5 B32683A7103+*** 2720
2800
2880
15.0
7.0
× 16.0 × 26.5 B32683A7153+*** 2320
2400
2520
22.0
8.5
× 16.5 × 26.5 B32683A7223+*** 1920
2000
2040
33.0 10.5
× 18.5 × 26.5 B32683A7333+*** 1560
1600
2160
1600 500
6.8
6.0
× 15.0 × 26.5 B32683A1682+*** 2720
2800
2880
10.0
7.0
× 16.0 × 26.5 B32683A1103+*** 2320
2400
2520
15.0
8.5
× 16.5 × 26.5 B32683A1153+*** 1920
2000
2040
22.0 10.5
× 18.5 × 26.5 B32683A1223+*** 1560
1600
2160
B32683
Very high pulse (wound)
Page7of32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com