Electronic Components Datasheet Search
  English  ▼

X  

B32682 Datasheet(PDF) 5 Page - EPCOS

Part # B32682
Description  Film Capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32682 Datasheet(HTML) 5 Page - EPCOS

  B32682 Datasheet HTML 1Page - EPCOS B32682 Datasheet HTML 2Page - EPCOS B32682 Datasheet HTML 3Page - EPCOS B32682 Datasheet HTML 4Page - EPCOS B32682 Datasheet HTML 5Page - EPCOS B32682 Datasheet HTML 6Page - EPCOS B32682 Datasheet HTML 7Page - EPCOS B32682 Datasheet HTML 8Page - EPCOS B32682 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
VDC
VRMS
f
≤1 kHz
VAC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitances values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M=
±20%
K=
±10%
J=
±5%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
000 = Straight terminals, untaped
(lead length 6
1 mm)
400 250
15.0
5.0
× 10.5 × 18.0 B32682A4153+*** 4680
5200
4000
22.0
6.0
× 11.0 × 18.0 B32682A4223+*** 3840
4400
4000
33.0
7.0
× 12.5 × 18.0 B32682A4333+*** 3320
3600
4000
47.0
8.5
× 14.5 × 18.0 B32682A4473+*** 2720
2800
2000
630 300
4.7
5.0
× 10.5 × 18.0 B32682A6472+*** 4680
5200
4000
6.8
5.0
× 10.5 × 18.0 B32682A6682+*** 4680
5200
4000
10.0
5.0
× 10.5 × 18.0 B32682A6103+*** 4680
5200
4000
15.0
6.0
× 11.0 × 18.0 B32682A6153+*** 3840
4400
4000
22.0
7.0
× 12.5 × 18.0 B32682A6223+*** 3320
3600
4000
33.0
8.5
× 14.5 × 18.0 B32682A6333+*** 2720
2800
2000
47.0
9.0
× 17.5 × 18.0 B32682A6473+*** 2560
2800
2000
1000 400
3.3
5.0
× 10.5 × 18.0 B32682A0332+*** 4680
5200
4000
4.7
5.0
× 10.5 × 18.0 B32682A0472+*** 4680
5200
4000
6.8
6.0
× 12.0 × 18.0 B32682A0682+*** 3840
4400
4000
10.0
7.0
× 12.5 × 18.0 B32682A0103+*** 3320
3600
4000
15.0
8.5
× 14.5 × 18.0 B32682A0153+*** 2720
2800
2000
1250 450
2.2
5.0
× 10.5 × 18.0 B32682A7222+*** 4680
5200
4000
3.3
5.0
× 10.5 × 18.0 B32682A7332+*** 4680
5200
4000
4.7
6.0
× 12.0 × 18.0 B32682A7472+*** 3840
4400
4000
6.8
7.0
× 12.5 × 18.0 B32682A7682+*** 3320
3600
4000
10.0
8.5
× 14.5 × 18.0 B32682A7103+*** 2720
2800
2000
B32682
Very high pulse (wound)
Page5of32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com