Electronic Components Datasheet Search
  English  ▼

X  

B32682 Datasheet(PDF) 12 Page - EPCOS

Part # B32682
Description  Film Capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32682 Datasheet(HTML) 12 Page - EPCOS

Back Button B32682 Datasheet HTML 8Page - EPCOS B32682 Datasheet HTML 9Page - EPCOS B32682 Datasheet HTML 10Page - EPCOS B32682 Datasheet HTML 11Page - EPCOS B32682 Datasheet HTML 12Page - EPCOS B32682 Datasheet HTML 13Page - EPCOS B32682 Datasheet HTML 14Page - EPCOS B32682 Datasheet HTML 15Page - EPCOS B32682 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
μs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
μs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lead spacing
15 mm
22.5 mm
27.5 mm
37.5 mm
VR
VRMS
VDC
VAC
dV/dt in V/
μs
400
250
7 000
5 000
4 000
630
300
12 000
7 000
5 000
3 000
1000
400
15 000
11 000
9 000
5 000
1250
450
27 000
11 000
9 000
6 000
1600
500
27 000
17 000
11 000
9 000
2000
550
39 000
21 000
11 000
9 000
2500
750
21 000
k0 values
Lead spacing
15 mm
22.5 mm
27.5 mm
37.5 mm
VR
VRMS
VDC
VAC
k0 in V2/
μs
400
250
5 600 000
4 000 000
3 200 000
630
300
15 120 000
8 820 000
6 300 000
3 780 000
1000
400
30 000 000
22 000 000
18 000 000
10 000 000
1250
450
67 500 000
27 500 000
22 500 000
15 000 000
1600
500
86 400 000
54 400 000
35 200 000
28 800 000
2000
550
156 000 000
84 000 000
44 000 000
36 000 000
2500
750
105 000 000
B32682 ... B32686
Very high pulse (wound)
Page 12 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com