Electronic Components Datasheet Search
  English  ▼

X  

AF2010 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # AF2010
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF2010 Datasheet(HTML) 1 Page - YAGEO Corporation

  AF2010 Datasheet HTML 1Page - YAGEO Corporation AF2010 Datasheet HTML 2Page - YAGEO Corporation AF2010 Datasheet HTML 3Page - YAGEO Corporation AF2010 Datasheet HTML 4Page - YAGEO Corporation AF2010 Datasheet HTML 5Page - YAGEO Corporation AF2010 Datasheet HTML 6Page - YAGEO Corporation AF2010 Datasheet HTML 7Page - YAGEO Corporation AF2010 Datasheet HTML 8Page - YAGEO Corporation AF2010 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
ANTI-SULFURATED CHIP RESISTORS
AUTOMOTIVE GRADE
AF series
5%, 1%, 0.5%
sizes 0100/0201/0402/0603/0805/1206/1210/1218/2010/2512
RoHS compliant & Halogen free


Similar Part No. - AF2010

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF2010 YAGEO-AF2010 Datasheet
472Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF2010DK-07100R YAGEO-AF2010DK-07100R Datasheet
876Kb / 9P
ANTI-SULFURATED CHIP RESISTORS
AF2010DK-0710R YAGEO-AF2010DK-0710R Datasheet
876Kb / 9P
ANTI-SULFURATED CHIP RESISTORS
AF2010DK-071K YAGEO-AF2010DK-071K Datasheet
876Kb / 9P
ANTI-SULFURATED CHIP RESISTORS
AF2010DK-071M YAGEO-AF2010DK-071M Datasheet
876Kb / 9P
ANTI-SULFURATED CHIP RESISTORS
More results

Similar Description - AF2010

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0201DR-071R YAGEO-AA0201DR-071R Datasheet
666Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
ANTI-SULFURATED CHIP RESISTORS
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com