Electronic Components Datasheet Search
  English  ▼

X  

AF2010 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # AF2010
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF2010 Datasheet(HTML) 4 Page - YAGEO Corporation

  AF2010 Datasheet HTML 1Page - YAGEO Corporation AF2010 Datasheet HTML 2Page - YAGEO Corporation AF2010 Datasheet HTML 3Page - YAGEO Corporation AF2010 Datasheet HTML 4Page - YAGEO Corporation AF2010 Datasheet HTML 5Page - YAGEO Corporation AF2010 Datasheet HTML 6Page - YAGEO Corporation AF2010 Datasheet HTML 7Page - YAGEO Corporation AF2010 Datasheet HTML 8Page - YAGEO Corporation AF2010 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar. 26, 2021 V.8
Product specification
4
10
SERIES
AF
0100 to 2512
overcoat
primary glass layer
resistive layer
(Jumper chip is a conductor)
inner electrode
termination(Ni/matte tin)
ceramic substrate
marking layer
overcoat
inner electrode
YNSC086
W
L
I1
H
I2
Fig. 8 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
For dimensions see Table 1
CONSTRUCTION
The resistors are constructed on top of a high grade
ceramic body. Internal metal electrodes are added at
each end and connected by a resistive glaze. The
resistive glaze is covered by a glass.
The composition of the glaze is adjusted to give the
approximate required resistance value and laser trimming
of this resistive glaze achieves the value within tolerance.
The whole element is covered by a protective overcoat.
Size 0603 and bigger is marked with the resistance value
on top. Finally, the two external terminations (Ni / matte
tin) are added. See fig.8
DIMENSIONS
TYPE
L (mm) W (mm) H (mm) I1 (mm) I2 (mm)
AF0100 0.40±0.02 0.20±0.02 0.14±0.02 0.10±0.03 0.10±0.03
AF0201 0.60±0.03 0.30±0.03 0.23±0.03 0.12±0.05 0.15±0.05
AF0402 1.00±0.05 0.50±0.05 0.35±0.05 0.20±0.10 0.25±0.10
AF0603 1.60±0.10 0.80±0.10 0.45±0.10 0.25±0.15 0.25±0.15
AF0805 2.00±0.10 1.25±0.10 0.50±0.10 0.35±0.20 0.35±0.20
AF1206 3.10±0.10 1.60±0.10 0.55±0.10 0.45±0.20 0.50±0.20
AF1210 3.10±0.10 2.60±0.15 0.57±0.10 0.45±0.20 0.50±0.20
AF1218 3.10±0.10 4.60±0.10 0.57±0.10 0.45±0.20 0.50±0.20
AF2010 5.00±0.10 2.50±0.15 0.57±0.10 0.55±0.20 0.55±0.20
AF2512 6.35±0.10 3.20±0.15 0.57±0.10 0.60±0.20 0.60±0.20
Table 1 For outlines see fig. 8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com