Electronic Components Datasheet Search
  English  ▼

X  

AF2010 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # AF2010
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF2010 Datasheet(HTML) 5 Page - YAGEO Corporation

  AF2010 Datasheet HTML 1Page - YAGEO Corporation AF2010 Datasheet HTML 2Page - YAGEO Corporation AF2010 Datasheet HTML 3Page - YAGEO Corporation AF2010 Datasheet HTML 4Page - YAGEO Corporation AF2010 Datasheet HTML 5Page - YAGEO Corporation AF2010 Datasheet HTML 6Page - YAGEO Corporation AF2010 Datasheet HTML 7Page - YAGEO Corporation AF2010 Datasheet HTML 8Page - YAGEO Corporation AF2010 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar. 26, 2021 V.8
Product specification
5
10
SERIES
AF
0100 to 2512
ELECTRICAL CHARACTERISTICS
Table 2
TYPE
POWER
CHARACTERISTICS
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Resistance
Range
Temperature
Coefficient
Jumper
Criteria
AF0100
1/32 W
–55 °C to 125°C
15V
30V
30V
5% (E24)
10Ω ≤ R ≤ 1MΩ
1% (E24/E96)
10Ω ≤ R ≤ 1MΩ
Jumper < 50mΩ
10Ω ≤ R < 100Ω
±300 ppm
/°C
100Ω ≤ R ≤ 1MΩ
± 200 ppm/°C
Rated Current
0.5A
Max. Current
1.0A
AF0201
1/20 W
–55 °C to 155 °C
25V
50V
50V
5% (E24)
1Ω ≤ R ≤ 10MΩ
0.5%, 1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
Jumper < 50mΩ
1Ω ≤ R ≤ 10Ω
-100/+350 ppm/°C
10Ω < R ≤ 10MΩ
± 200 ppm/°C
Rated Current
0.5A
Max. Current
1.0A
AF0402
1/16 W
50V
100V
100V
5% (E24)
1Ω ≤ R ≤ 22MΩ
0.5%, 1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
Jumper < 50mΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm/°C
10Ω < R ≤ 10MΩ
± 100 ppm/°C
10MΩ < R ≤ 22MΩ
± 200 ppm/°C
100Ω ≤ R ≤ 1MΩ
± 50 ppm/°C
Rated Current
1A
Max. Current
2A
1/8W
50V
100V
100V
5% (E24)
1Ω ≤ R ≤ 10MΩ
0.5%, 1%, (E24/E96)
1Ω ≤ R ≤ 10MΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm/°C
10Ω < R ≤ 10MΩ
± 100 ppm/°C
AF0603
1/10 W
75V
150V
150V
5% (E24)
1Ω ≤ R ≤ 22MΩ
0.5%, 1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
Jumper < 50mΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm/°C
10Ω < R ≤ 10MΩ
± 100 ppm/°C
10MΩ < R ≤ 22MΩ
± 200 ppm/°C
100Ω ≤ R ≤ 10MΩ
± 50 ppm/°C
Rated Current
1A
Max. Current
2A
1/5 W
75V
150V
150V
5% (E24)
1Ω ≤ R ≤ 10MΩ
0.5%, 1%, (E24/E96)
1Ω ≤ R ≤ 10MΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm/°C
10Ω < R ≤ 10MΩ
± 100 ppm/°C
AF0805
1/8 W
150V
300V
300V
5% (E24)
1Ω ≤ R ≤ 22MΩ
0.5%, 1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
Jumper < 50mΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm/°C
10Ω < R ≤ 10MΩ
± 100 ppm/°C
10MΩ < R ≤ 22MΩ
± 200 ppm/°C
100Ω ≤ R ≤ 10MΩ
± 50 ppm/°C
Rated Current
2A
Max. Current
5A
1/4 W
150V
300V
300V
5% (E24)
1Ω ≤ R ≤ 10MΩ
0.5%, 1%, (E24/E96)
1Ω ≤ R ≤ 10MΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm/°C
10Ω < R ≤ 10MΩ
± 100 ppm/°C
AF1206
1/4 W
200V
400V
500V
5% (E24)
1Ω ≤ R ≤ 22MΩ
0.5%, 1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
Jumper < 50mΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm/°C
10Ω < R ≤ 10MΩ
± 100 ppm/°C
10MΩ < R ≤ 22MΩ
± 200 ppm/°C
100Ω ≤ R ≤ 10MΩ
± 50 ppm/°C
Rated Current
2A
Max. Current
10A
1/2 W
200V
400V
500V
5% (E24)
1Ω ≤ R ≤ 10MΩ
0.5%, 1%, (E24/E96)
1Ω ≤ R ≤ 10MΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm/°C
10Ω < R ≤ 10MΩ
± 100 ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com