Electronic Components Datasheet Search
  English  ▼

X  

115 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 115
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

115 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  115 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74LV138
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 4 March 2016
4 of 16
NXP Semiconductors
74LV138
3-to-8 line decoder/demultiplexer; inverting
6.
Functional description
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Ptot derates linearly with 8 mW/K above 70 C.
[3]
Ptot derates linearly with 5.5 mW/K above 60 C.
[4]
Ptot derates linearly with 4.5 mW/K above 60 C.
Table 3.
Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care
Input
Output
E1
E2
E3
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
HX
X
X
X
X
HH
HHH
HHH
XH
XXX
XH
H
H
H
H
H
H
H
X
X
L
X
X
X
HH
HHH
HHH
L
L
HL
L
L
L
H
HHH
HHH
L
L
HHL
L
HL
HHH
HHH
L
L
HL
H
L
HH
L
HH
HHH
LL
H
H
H
LH
H
H
LH
H
H
H
L
L
HL
L
HHH
HHL
HHH
L
L
HHL
HHH
HHH
L
HH
L
L
HL
H
HHH
HHH
HL
H
L
L
HHH
HHH
HHH
HHL
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1]
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1]
-
50
mA
IO
output current
VO = 0.5 V to (VCC +0.5 V)
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
SO16 package
[2]
-500
mW
(T)SSOP16 package
[3]
-500
mW
DHVQFN16 package
[4]
-500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com