Electronic Components Datasheet Search
  English  ▼

X  

115 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 115
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

115 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  115 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LV138
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 4 March 2016
2 of 16
NXP Semiconductors
74LV138
3-to-8 line decoder/demultiplexer; inverting
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LV138D
40 Cto+125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LV138DB
40 Cto+125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74LV138PW
40 Cto+125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LV138BQ
40 Cto+125 C
DHVQFN16 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Functional diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com