Electronic Components Datasheet Search
  English  ▼

X  

115 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 115
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

115 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 115 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74LV138
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 4 March 2016
8 of 16
NXP Semiconductors
74LV138
3-to-8 line decoder/demultiplexer; inverting
Table 8.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
< 2.7 V
0.5VCC
0.5VCC
2.7 V to 3.6 V
1.5 V
1.5 V
 4.5 V
0.5VCC
0.5VCC
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
Fig 8.
Test circuit for measuring switching times
Table 9.
Test data
Supply voltage
Input
VCC
VI
tr, tf
< 2.7 V
VCC
 2.5 ns
2.7 V to 3.6 V
2.7 V
 2.5 ns
 4.5 V
VCC
 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com