Electronic Components Datasheet Search
  English  ▼

X  

AD7984 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7984
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7984 Datasheet HTML 4Page - Analog Devices AD7984 Datasheet HTML 5Page - Analog Devices AD7984 Datasheet HTML 6Page - Analog Devices AD7984 Datasheet HTML 7Page - Analog Devices AD7984 Datasheet HTML 8Page - Analog Devices AD7984 Datasheet HTML 9Page - Analog Devices AD7984 Datasheet HTML 10Page - Analog Devices AD7984 Datasheet HTML 11Page - Analog Devices AD7984 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7984
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, REF = 5.0 V, VIO = 3.3 V.
2.0
–2.0
0
262144
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
65536
131072
196608
POSITIVE INL: +1.07LSB
NEGATIVE INL: –0.73LSB
Figure 6. Integral Nonlinearity vs. Code
60k
0
1C
CODE IN HEX
50k
40k
30k
20k
10k
1D
1E
00
7
60
0
1F
326
20
21
22
23
24
25
326
26
27
28
5992
32350
55354
31003
5708
Figure 7. Histogram of a DC Input at the Code Center
0
–180
0
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
100
200
300
400
500
600
fS = 1.33MSPS
fIN = 10kHz
SNR = 98.2dB
THD = –110.6dB
SFDR = 112.5dB
SINAD = 98.0dB
Figure 8. FFT Plot
2.0
–2.0
0
262144
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
65536
131072
196608
POSITIVE DNL: +0.63LSB
NEGATIVE DNL: –0.34LSB
Figure 9. Differential Nonlinearity vs. Code
60k
0
1D
CODE IN HEX
50k
40k
30k
20k
10k
1E
1F
00
2
20
69
21
22
23
24
25
26
27
37
28
29
00
1801
1378
16593
14653
48273
48266
Figure 10. Histogram of a DC Input at the Code Transition
100
90
–10
0
INPUT LEVEL (dB of Full Scale)
99
98
97
96
95
94
93
92
91
–9
–8
–7
–6
–5
–4
–3
–2
–1
Figure 11. SNR vs. Input Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com