Electronic Components Datasheet Search
  English  ▼

X  

AD7984 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7984
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7984 Datasheet HTML 16Page - Analog Devices AD7984 Datasheet HTML 17Page - Analog Devices AD7984 Datasheet HTML 18Page - Analog Devices AD7984 Datasheet HTML 19Page - Analog Devices AD7984 Datasheet HTML 20Page - Analog Devices AD7984 Datasheet HTML 21Page - Analog Devices AD7984 Datasheet HTML 22Page - Analog Devices AD7984 Datasheet HTML 23Page - Analog Devices AD7984 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD7984
Rev. A | Page 22 of 24
CHAIN MODE WITH BUSY INDICATOR
This mode can also be used to daisy-chain multiple AD7984s
on a 3-wire serial interface while providing a busy indicator.
This feature is useful for reducing component count and wiring
connections, for example, in isolated multiconverter applications or
for systems with a limited interfacing capacity. Data readback is
analogous to clocking a shift register.
A connection diagram example using three AD7984s is shown
in Figure 38, and the corresponding timing is given in Figure 39.
When SDI and CNV are low, SDO is driven low. With SCK
high, a rising edge on CNV initiates a conversion, selects the
chain mode, and enables the busy indicator feature. In this
mode, CNV is held high during the conversion phase and the
subsequent data readback. When all ADCs in the chain have
completed their conversions, the SDO pin of the ADC closest to
the digital host (see the AD7984 ADC labeled C in Figure 38) is
driven high. This transition on SDO can be used as a busy indicator
to trigger the data readback controlled by the digital host. The
AD7984 then enters the acquisition phase and goes into standby
mode. The data bits stored in the internal shift register are clocked
out, MSB first, by subsequent SCK falling edges. For each ADC,
SDI feeds the input of the internal shift register and is clocked
by the SCK falling edge. Each ADC in the chain outputs its data
MSB first, and 18 × N + 1 clocks are required to read back the N
ADCs. Although the rising edge can be used to capture the data, a
digital host using the SCK falling edge allows a faster reading
rate and, consequently, more AD7984s in the chain, provided
the digital host has an acceptable hold time.
CONVERT
DATA IN
CLK
DIGITAL HOST
AD7984
SDI
SDO
CNV
C
SCK
AD7984
SDI
SDO
CNV
A
SCK
IRQ
AD7984
SDI
SDO
CNV
B
SCK
Figure 38. Chain Mode with Busy Indicator Connection Diagram
SDOA = SDIB
DA17 DA16 DA15
SCK
12
3
39
53
54
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV = SDIA
DA1
417
tSCK
tSCKH
tSCKL
DA0
19
38
18
SDOB = SDIC
DB17 DB16 DB15
DA1
DB1DB0DA17 DA16
55
tSSDISCK
tHSDISCK
tHSDO
tDSDO
SDOC
DC17 DC16 DC15
DA1DA0
DC1DC0DA16
21
35
36
20
37
DB1DB0DA17
DB17 DB16
tDSDOSDI
tSSCKCNV
tHSCKCNV
DA0
tDSDOSDI
tDSDOSDI
tDSDOSDI
tDSDOSDI
Figure 39. Chain Mode with Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com