Electronic Components Datasheet Search
  English  ▼

X  

AD7984 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7984
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7984 Datasheet HTML 12Page - Analog Devices AD7984 Datasheet HTML 13Page - Analog Devices AD7984 Datasheet HTML 14Page - Analog Devices AD7984 Datasheet HTML 15Page - Analog Devices AD7984 Datasheet HTML 16Page - Analog Devices AD7984 Datasheet HTML 17Page - Analog Devices AD7984 Datasheet HTML 18Page - Analog Devices AD7984 Datasheet HTML 19Page - Analog Devices AD7984 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7984
Rev. A | Page 16 of 24
DIGITAL INTERFACE
Although the AD7984 has a reduced number of pins, it offers
flexibility in its serial interface modes.
When in CS mode, the AD7984 is compatible with SPI, QSPI,
digital hosts, and DSPs. In this mode, the AD7984 can use
either a 3-wire or 4-wire interface. A 3-wire interface using the
CNV, SCK, and SDO signals minimizes wiring connections
useful, for instance, in isolated applications. A 4-wire interface
using the SDI, CNV, SCK, and SDO signals allows CNV, which
initiates the conversions, to be independent of the readback
timing (SDI). This is useful in low jitter sampling or
simultaneous sampling applications.
When in chain mode, the AD7984 provides a daisy-chain feature
using the SDI input for cascading multiple ADCs on a single
data line similar to a shift register.
The mode in which the part operates depends on the SDI level
when the CNV rising edge occurs. The CS mode is selected if
SDI is high, and the chain mode is selected if SDI is low. The
SDI hold time is such that when SDI and CNV are connected,
the chain mode is always selected.
In either mode, the AD7984 offers the option of forcing a start
bit in front of the data bits. This start bit can be used as a busy
signal indicator to interrupt the digital host and trigger the data
reading. Otherwise, without a busy indicator, the user must timeout
the maximum conversion time prior to readback.
The busy indicator feature is enabled
•
In CS mode if CNV or SDI is low when the ADC
conversion ends (see
and
).
Figure 31
Figure 35
•
In chain mode if SCK is high during the CNV rising edge
(see Figure 39).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com