Electronic Components Datasheet Search
  English  ▼

X  

UG-2124 Datasheet(PDF) 7 Page - Analog Devices

Part # UG-2124
Description  Evaluating the AD74413R-DIOZ Quad-Channel Software Configurable Input and Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-2124 Datasheet(HTML) 7 Page - Analog Devices

  UG-2124 Datasheet HTML 1Page - Analog Devices UG-2124 Datasheet HTML 2Page - Analog Devices UG-2124 Datasheet HTML 3Page - Analog Devices UG-2124 Datasheet HTML 4Page - Analog Devices UG-2124 Datasheet HTML 5Page - Analog Devices UG-2124 Datasheet HTML 6Page - Analog Devices UG-2124 Datasheet HTML 7Page - Analog Devices UG-2124 Datasheet HTML 8Page - Analog Devices UG-2124 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
User Guide
EVAL-AD74413R-DIOZ
GETTING STARTED
analog.com
Rev. 0 | 7 of 9
Figure 11. MAX14906 Interrupts
AD74413R Interrupts
All of the interrupt sources of the AD74413R are unmasked in
the EVAL-AD74413R-DIOZ board. When an interrupt is signaled,
the corresponding flag in the AD74413R-DIOZ GUI turns red (see
Figure 12).
For more information about the different interrupts, please consult
the AD74413R data sheet.
The Clear button clears all of the interrupts signaled in the
AD74413R (if the fault conditions that generated the interrupts are
resolved).
Figure 12. AD74413R Interrupts
Board Not Ready Indicator
When the supply to the EVAL-AD74413R-DIOZ is not correct, the
Board not ready indicator is flagged in red. Once the supply
returns to the correct level, the indicator turns back to gray, and all
of the channels are reset to a high impedance status.
Configure Button
Click the Configure button for the AD74413R-DIOZ GUI to config-
ure the EVAL-AD74413R-DIOZ board channels as chosen in the
Configuration tab.
The EVAL-AD74413R-DIOZ board is only configured by clicking the
Configure button and not by making selections from the dropdown
menus.
MAX14906 Diagnostics Tab
Several of the MAX14906 interrupts have different sources that
can trigger them. When a MAX14906 interrupt is flagged in the
Configuration tab, the MAX14906 Diagnostics tab provides fur-
ther details about which of the different sources in the MAX14906
triggered the interrupt.
Figure 13. MAX14906 Diagnostics Screen
When the interrupts are cleared by clicking the Clear button in
the Configuration tab, the MAX14906 Diagnostics tab is updated
automatically.
For more information about the different interrupt sources, please
consult the MAX14906 data sheet.
Block Diagram Tab
The Block Diagram tab detects what configuration is selected for
the respective channel in the Configuration tab and displays a
simplified block diagram of the system that shows how the devices
on the board work in the selected configuration.
Figure 14. Block Diagram Tab



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com