Electronic Components Datasheet Search
  English  ▼

X  

UG-2124 Datasheet(PDF) 3 Page - Analog Devices

Part # UG-2124
Description  Evaluating the AD74413R-DIOZ Quad-Channel Software Configurable Input and Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-2124 Datasheet(HTML) 3 Page - Analog Devices

  UG-2124 Datasheet HTML 1Page - Analog Devices UG-2124 Datasheet HTML 2Page - Analog Devices UG-2124 Datasheet HTML 3Page - Analog Devices UG-2124 Datasheet HTML 4Page - Analog Devices UG-2124 Datasheet HTML 5Page - Analog Devices UG-2124 Datasheet HTML 6Page - Analog Devices UG-2124 Datasheet HTML 7Page - Analog Devices UG-2124 Datasheet HTML 8Page - Analog Devices UG-2124 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
User Guide
EVAL-AD74413R-DIOZ
EVALUATION BOARD HARDWARE
analog.com
Rev. 0 | 3 of 9
POWER SUPPLY
The EVAL-AD74413R-DIOZ comes with a single power supply
connector (P6) that directly powers the AVDD pin of the AD74413R
and the VDD and VDDx pins of the MAX14906.
The EVAL-AD74413R-DIOZ supply powers an on-board DC-to-DC
converter (MAX17552, (U4)) that generates a 5 V supply. This 5 V
supplies the DVCC and IOVDD pins of the AD74413R as well as
the VL and the V5V pins of the MAX14906.
Figure 2 shows a simplified drawing of the power connections on
the EVAL-AD74413R-DIOZ.
Figure 2. EVAL-AD74413R-DIOZ Simplified Power Diagram
OUTPUT CHANNELS
The AD74413R and the MAX14906 have four channels each (see
the AD74413R and MAX14906 data sheets for more information).
Each of the channels in the AD74413R is connected to the respec-
tive channel of the MAX14906. For example, Channel A of the
AD74413R is connected to Channel 1 of the MAX14906 and so on.
There are four terminal connectors on the EVAL-AD74413R-DIOZ,
P1, P2, P3, and P4, that connect the desired loads to the four
output channels.
SERIAL PERIPHERAL INTERFACE (SPI)
COMMUNICATION
The USB2PMB2 handles the communication to the EVAL-
AD74413R-DIOZ board via the PC. The USB2PMB2 board also
transmits an OR combination of the ALERT signal of the AD74413R
and the FAULT signal of the MAX14906 to the PC so the graphical
user interface (GUI) can monitor any of the interrupts and diagnos-
tics that the AD74413R and the MAX14906 provide.
TEST POINTS
The EVAL-AD74413R-DIOZ has test points for the SPI signals, the
alert signal, to measure the AVDD, AVSS, and AGND rails, and to
provide debug access to the 4-channel screw terminals.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com