Electronic Components Datasheet Search
  English  ▼

X  

NT20 Datasheet(PDF) 7 Page - EPCOS

Part # NT20
Description  SIOV Metal Oxide Varistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

NT20 Datasheet(HTML) 7 Page - EPCOS

Back Button NT20 Datasheet HTML 3Page - EPCOS NT20 Datasheet HTML 4Page - EPCOS NT20 Datasheet HTML 5Page - EPCOS NT20 Datasheet HTML 6Page - EPCOS NT20 Datasheet HTML 7Page - EPCOS NT20 Datasheet HTML 8Page - EPCOS NT20 Datasheet HTML 9Page - EPCOS NT20 Datasheet HTML 10Page - EPCOS NT20 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SIOV Metal Oxide Varistors
B72220W/R*
ThermoFuse Varistors, NT series
NT20 series
PPD VAR PD
2018-10-09
Please read Cautions and warnings and
Page 7 of 19
Important notes at the end of this document.
Characteristics (25 °C):
Type
VV
(1 mA)
V
△
Vv
(1 mA )
%
Vc,max
ic
V
ic
A
Ctyp
1 kHz
pF
NT20K130E2*
205
10
340
100
1850
NT20K140E2*
220
10
360
100
1700
NT20K150E2*
240
10
395
100
1550
NT20K175E2*
270
10
455
100
1350
NT20K210E2*
330
10
545
100
1100
NT20K250E2*
390
10
650
100
940
NT20K275E2*
430
10
710
100
850
NT20K300E2*
470
10
775
100
780
NT20K320E2*
510
10
840
100
720
NT20K350E2*
560
10
910
100
660
NT20K385E2*
620
10
1025
100
600
NT20K420E2*
680
10
1120
100
550
NT20K460E2*
750
10
1240
100
500
NT20K510E2*
820
10
1355
100
460
NT20K550E2*
910
10
1500
100
410
NT20K625E2*
1000
10
1650
100
380
NT20K680E2*
1100
10
1815
100
340
NT20K750E2*
1200
10
2000
100
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com