Electronic Components Datasheet Search
  English  ▼

X  

NT20 Datasheet(PDF) 2 Page - EPCOS

Part # NT20
Description  SIOV Metal Oxide Varistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

NT20 Datasheet(HTML) 2 Page - EPCOS

  NT20 Datasheet HTML 1Page - EPCOS NT20 Datasheet HTML 2Page - EPCOS NT20 Datasheet HTML 3Page - EPCOS NT20 Datasheet HTML 4Page - EPCOS NT20 Datasheet HTML 5Page - EPCOS NT20 Datasheet HTML 6Page - EPCOS NT20 Datasheet HTML 7Page - EPCOS NT20 Datasheet HTML 8Page - EPCOS NT20 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SIOV Metal Oxide Varistors
B72220W/R*
ThermoFuse Varistors, NT series
NT20 series
PPD VAR PD
2018-10-09
Please read Cautions and warnings and
Page 2 of 19
Important notes at the end of this document.
Construction
Round varistor element, leaded
Coating: epoxy resin, flame-retardant to UL 94 V-0
Terminals: tinned copper wire, metal compound wire
Features
Wide operating voltage range 130 ...750VRMS
Self-protected under abnormal overvoltage conditions
High-energy AdvanceD series E2
UL approval to UL 1449,4th edition, type 4CA(File number E321126)
IEC 61051-2-2 certification
VDE certification (certificate number 40031102)
Applications
Home appliances
Power supplies
Inverters
Photovoltaic inverters
Drives
Lighting applications
Communication and data systems
Smart meters
General technical data
Climatic category
to IEC 60068-1
Operating temperature
Storage temperature
Electric strength
Insulation resistance
Response time
40/85/56
-40…+85
-40... +85
≥
2.5
≥
100
< 25
°C
°C
kVRMS
MΩ
ns
Nomenclature
NT
=
Series designation
20
=
Rated disk diameter (mm)
K
=
Tolerance of VV at 1 mA: ±10%
***
=
Max. AC voltage
E2
=
Energy absorption characteristics, AdvanceD series
S5
=
Crimp design S5
K4
=
2 leads version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com