Electronic Components Datasheet Search
  English  ▼

X  

NT20 Datasheet(PDF) 16 Page - EPCOS

Part # NT20
Description  SIOV Metal Oxide Varistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

NT20 Datasheet(HTML) 16 Page - EPCOS

Back Button NT20 Datasheet HTML 11Page - EPCOS NT20 Datasheet HTML 12Page - EPCOS NT20 Datasheet HTML 13Page - EPCOS NT20 Datasheet HTML 14Page - EPCOS NT20 Datasheet HTML 15Page - EPCOS NT20 Datasheet HTML 16Page - EPCOS NT20 Datasheet HTML 17Page - EPCOS NT20 Datasheet HTML 18Page - EPCOS NT20 Datasheet HTML 19Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SIOV Metal Oxide Varistors
B72220W/R*
ThermoFuse Varistors, NT series
NT20 series
PPD VAR PD
2018-10-09
Please read Cautions and warnings and
Page 16 of 19
Important notes at the end of this document.
Cautions and warnings
General
1.
EPCOS metal oxide varistors (SIOVs) are designed for specific applications and should not be used for
purposes not identified in our specifications, application notes and data books unless otherwise agreed with
EPCOS during the design-in-phase.
2.
Ensure suitability of SIOVs through reliability testing during the design-in phase. The SIOVs should be
evaluated taking into consideration worst-case conditions.
3.
For applications of SIOVs in line-to ground circuits based on various international and local standards there
are restrictions existing or additional safety measures required.
Storage
1.
Store SIOVs only in original packaging. Do not open the package before storage.
2.
Storage conditions in original packaging:
Storage temperature:
-25 °C … +45 °C
Relative humidity:
<75% annual average,
<95% on maximum 30 days a year.
Dew precipitation:
Is to be avoided.
3.
Avoid contamination of SIOVs surface during storage, handling and processing.
4.
Avoid storage of SIOVs in harmful environments which can affect the function during long-term operation
(examples given under operation precautions).
5.
The SIOV type series should be soldered within the time specified.
SIOV-S, -Q, -LS
24 month
T, ETFV and NT types
12 month.
Handling
1.
SIOVs must not be dropped.
2.
Components must not be touched with bare hands. Gloves are recommended.
3.
Avoid contamination of the surface of SIOV electrodes during handling, be careful of the sharp
edge of SIOV electrodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com