Electronic Components Datasheet Search
  English  ▼

X  

PCM120T Datasheet(PDF) 2 Page - EPCOS

Part # PCM120T
Description  Inductors for power circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

PCM120T Datasheet(HTML) 2 Page - EPCOS

  PCM120T Datasheet HTML 1Page - EPCOS PCM120T Datasheet HTML 2Page - EPCOS PCM120T Datasheet HTML 3Page - EPCOS PCM120T Datasheet HTML 4Page - EPCOS PCM120T Datasheet HTML 5Page - EPCOS PCM120T Datasheet HTML 6Page - EPCOS PCM120T Datasheet HTML 7Page - EPCOS PCM120T Datasheet HTML 8Page - EPCOS PCM120T Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
04/21
Please read Cautions and warnings and
Important notes at the end of this document.
Rated inductance 0.4 ... 10 μH
Rated current 12.0 ... 79.8 A
Construction
■ Metal rod core
■ Magnetically shielded
■ Winding: enamel copper wire
■ Flat wire connection
Features
■ Current-handling capability up to 80 A,
soft saturation
■ AOI (solder point inspection) suitable
■ Lead frame provides good coplanarity
and solderability
■ High mechanical robustness
■ High magnetic shield construction featuring low EMI
■ Temperature range up to +165 °C
■ Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020D
■ Qualification to AEC-Q200
■ RoHS-compatible
Applications
■ Primary DC/DC converters (withstands ISO7637 pulses)
■ Automotive electronics (PMIC - power management integrated circuits,
ECM engine control module, transmission control, power steering control)
■ Power supply in servers
■ Power supplies in 5G base stations
Terminals
■ Base material Cu
■ terminal finish Sn (lead-free)
■ Electro-plated
Marking
■ Marking on component:
Series name, L value ( H, coded), manufacturing date (YWWD)
■ Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing
Delivery mode and packing unit
■ 32-mm blister tape, wound on 330-mm
reel
■ Packing unit: 250 pcs./reel
PCM120T
Inductors for power circuits
Size 12.4 x 13.1 x 11.5 (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com